Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1069-1
Description  Low Power, 8th Order Progressive Elliptic, Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC1069-1_15 Datasheet HTML 1Page - Linear Technology LTC1069-1_15 Datasheet HTML 2Page - Linear Technology LTC1069-1_15 Datasheet HTML 3Page - Linear Technology LTC1069-1_15 Datasheet HTML 4Page - Linear Technology LTC1069-1_15 Datasheet HTML 5Page - Linear Technology LTC1069-1_15 Datasheet HTML 6Page - Linear Technology LTC1069-1_15 Datasheet HTML 7Page - Linear Technology LTC1069-1_15 Datasheet HTML 8Page - Linear Technology LTC1069-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LTC1069-1
4
10691fa
TYPICAL PERFORMANCE CHARACTERISTICS
Passband Gain vs Clock
Frequency, VS = Single 3.3V
Passband Gain vs Clock
Frequency, VS = Single 5V
Passband Gain vs Clock
Frequency, VS = ±5V
Gain vs Supply Voltage
Phase and Group Delay vs
Frequency
Transient Response
Passband Gain vs Frequency
Transition Band Gain vs
Frequency
Stopband Gain vs Frequency
FREQUENCY (kHz)
0.5
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
1.5
2.5 3.0
5.0
10691 G01
1.0
2.0
3.5 4.0 4.5
VS = ±5V
fCLK = 500kHz
fC = 5kHz
VIN = 2VRMS
FREQUENCY (kHz)
56
78
910
11
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10691 G02
VS = ±5V
fCLK = 500kHz
fC = 5kHz
VIN = 2VRMS
FREQUENCY (kHz)
11 12 13 14 15 16 17 18
19 20 21
–70
–72
–74
–76
–78
–80
–82
–84
–86
–88
–90
10691 G03
VS = ±5V
fCLK = 500kHz
fC = 5kHz
VIN = 2VRMS
FREQUENCY (kHz)
0.5
6.5
10691 G04
2.5
4.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1.5
3.5
5.5
7.5
fCLK = 750kHz
fC = 7.5kHz
fCLK = 500kHz
fC = 5kHz
VS = SINGLE 3.3V
VIN = 0.5VRMS
FREQUENCY (kHz)
1
13
10691 G06
59
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
3
7
11
15
fCLK = 1.5MHz
fC = 15kHz
VS = ±5V
VIN = 2VRMS
fCLK = 500kHz
fC = 5kHz
fCLK = 1MHz
fC = 10kHz
FREQUENCY (kHz)
0.5
6.5
10691 G05
2.5
4.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1.5
3.5
5.5
7.5 8.5 9.5 10.5
fCLK = 500kHz
fC = 5kHz
VS = SINGLE 5V
VIN = 1.2VRMS
fCLK = 750kHz
fC = 7.5kHz
fCLK = 1MHz
fC = 10kHz
FREQUENCY (kHz)
13
5
7
9
11 13 15
17 19 21
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10691 G07
fCLK = 500kHz
VIN = 0.5VRMS
VS = 5V
VS = 3.3V
VS = ±5V
FREQUENCY (kHz)
0
6
10691 G08
24
0
–90
–180
–270
–360
–450
–540
–630
–720
0.6
0.5
0.4
0.3
0.2
0.1
0
13
5
7
VS = SINGLE 5V
fCLK = 500kHz
fC = 5kHz
GROUP DELAY
PHASE
0.2ms/DIV
1V/DIV
10691 G09
VS = ±5V
fCLK = 1MHz
fIN = 500Hz
4VP-P SQUARE WAVE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com