Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1477 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1477
Description  Single and Dual Protected High Side Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1477 Datasheet(HTML) 2 Page - Linear Technology

  LTC1477_15 Datasheet HTML 1Page - Linear Technology LTC1477_15 Datasheet HTML 2Page - Linear Technology LTC1477_15 Datasheet HTML 3Page - Linear Technology LTC1477_15 Datasheet HTML 4Page - Linear Technology LTC1477_15 Datasheet HTML 5Page - Linear Technology LTC1477_15 Datasheet HTML 6Page - Linear Technology LTC1477_15 Datasheet HTML 7Page - Linear Technology LTC1477_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1477/LTC1478
Supply Voltage .......................................................... 7V
Enable Input Voltage ...................... (7V) to (GND – 0.3V)
Output Voltage (OFF) (Note 1) ....... (7V) to (GND – 0.3V)
Output Short-Circuit Duration .......................... Indefinite
Junction Temperature ........................................... 110
°C
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
LTC1477C/LTC1478C .............................. 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
PACKAGE/ORDER INFORMATION
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Supply Voltage Range
2.7
5.5
V
IVIN
Supply Current
Switch OFF, Enable = 0V
q
0.01
10
µA
Switch ON, Enable = 5V, VIN = 5V
q
120
180
µA
Switch ON, Enable = 3.3V, VIN = 3.3V
q
80
120
µA
RON
ON Resistance
VINS = VIN1 = VIN2 = VIN3 = 5V, IOUT = 1A
0.07
0.12
VINS = VIN1 = VIN2 = VIN3 = 3.3V, IOUT = 1A
0.08
0.12
VINS = VIN1 = 5V, VIN2 = VIN3 = NC, IOUT = 0.5A
0.12
0.20
VINS = VIN1 = 3.3V, VIN2 = VIN3 = NC, IOUT = 0.5A
0.13
0.20
ILKG
Output Leakage Current OFF
Switch OFF, Enable = 0V
q
±20
µA
ISC
Short-Circuit Current Limit
VINS = VIN1 = VIN2 = VIN3 = 5V, VOUT = 0V, (Note 4)
1.60
2.00
2.40
A
VINS = VIN1 = 5V, VIN2 = VIN3 = NC, VOUT = 0V, (Note 4)
0.68
0.85
1.02
A
VENH
Enable Input High Voltage
3.0V
≤ VINS ≤ 5.5V
q
2.0
V
VENL
Enable Input Low Voltage
3.0V
≤ VINS ≤ 5.5V
q
0.8
V
IEN
Enable Input Current
0V
≤ VEN ≤ 5.5V
q
±1
µA
tD+R
Delay and Rise Time
ROUT = 100Ω, COUT = 1µF, to 90% of Final Value
0.50
1.00
2.00
ms
increase the ON resistance of the switch. The LTC1478 GND pins must be
connected together. (See Pin Functions and Block Diagram for more detail.)
Note 3: Other channel turned OFF, i.e. AEN and BEN = 0V.
Note 4: The output is protected with fold-back current limit which reduces
the short-circuit (0V) currents below peak permissible current levels at
higher output voltages. (See Typical Performance Characteristics for
further detail on output current versus output voltage).
The q denotes specifications which apply over the full operating
temperature range.
Note 1: The VOUT pins must be connected together.
Note 2: The VINS and VIN1 pins must be connected together. The VIN2 and
VIN3 pins are typically connected to VINS and VIN1 pins but can be
selectively disconnected to reduce the short-circuit current limit and
Consult factory for Industrial and Military grade parts.
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AVOUT
AVIN
AVINS
AEN
GND
BVIN3
BVIN2
BVOUT
AVOUT
AVIN2
AVIN3
GND
BEN
BVINS
BVIN1
BVOUT
TJMAX = 110°C, θJA = 100°C/ W
ELECTRICAL CHARACTERISTICS
VINS = VIN1 = VIN2 = VIN3 = 5V (Note 2), TA = 25°C, unless otherwise noted. Each channel of the LTC1478 is tested separately (Note 3).
TJMAX = 110°C, θJA = 120°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
VOUT
VIN2
VIN3
GND
VOUT
VIN1
VINS
EN
S8 PACKAGE
8-LEAD PLASTIC SO
1477
S8 PART MARKING
LTC1477CS8
ORDER PART
NUMBER
LTC1478CS
ORDER PART
NUMBER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com