Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1477 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1477
Description  Single and Dual Protected High Side Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1477 Datasheet(HTML) 6 Page - Linear Technology

  LTC1477_15 Datasheet HTML 1Page - Linear Technology LTC1477_15 Datasheet HTML 2Page - Linear Technology LTC1477_15 Datasheet HTML 3Page - Linear Technology LTC1477_15 Datasheet HTML 4Page - Linear Technology LTC1477_15 Datasheet HTML 5Page - Linear Technology LTC1477_15 Datasheet HTML 6Page - Linear Technology LTC1477_15 Datasheet HTML 7Page - Linear Technology LTC1477_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1477/LTC1478
APPLICATIONS INFORMATION
ing of the switch parameters to the expected load current
and system current limit requirements.
A couple of examples are helpful:
1. If a nominal load of 1A was controlled by the switch
configured to current limit at 2A (all VIN pins connected
together), the RDS(ON) would be 0.07Ω and the voltage
drop across the switch would be 70mV. The power
dissipated by the switch would only be 70mW.
2. If a nominal load of 0.5A was controlled by the switch
configured to current limit at 0.85A (VIN2 and VIN3
disconnected), the RDS(ON) would increase to 0.14Ω.
But the voltage drop would remain at 70mV and the
switch power dissipation would drop to 35mW.
Supply Bypassing
For best results, bypass the supply input pins with a single
1.0
µF capacitor as close as possible to the LTC1477.
Sometimes, much larger capacitors are already available
at the output of the power supply. In this case, it is still
good practice to use a 0.1
µF capacitor as close as possible
to the LTC1477, especially if the power supply output
capacitor is more than 2 inches away on the printed circuit
board.
Output Capacitor
The output pin is designed to ramp on slowly, typically
1ms rise time. Therefore, very large output capacitors can
be driven without producing voltage spikes on the supply
pins (see graphs in Typical Performance Characteristics).
The output pin should have a 1
µF capacitor for noise
reduction and smoothing.
Supply and Input Sequencing
The LTC1477 is designed to operate with continuous
power (quiescent current drops to < 1
µA when disabled).
If the power must be turned off, for example to enter a
system “sleep” mode, the enable input must be turned off
100
µs before the input supply is turned off to ensure that
the gate of the NMOS switch is completely discharged
before power is removed. However, the input control and
power can be applied simultaneously during power up.
TYPICAL APPLICATIONS
0.85A Protected Switch
2A Protected Switch Driving a Large Capacitive Load
+
CLOAD
100
µF
0.1
µF
LTC1477/1478 • TA06
ON/OFF
2.7V TO 5.5V
LTC1477
VOUT
VIN2
VIN3
GND
VOUT
VIN1
VINS
EN
VOUT
+
1
µF
0.1
µF
LTC1477/1478 • TA05
ON/OFF
2.7V TO 5.5V
ISC = 0.85A
NC
NC
LTC1477
VOUT
VIN2
VIN3
GND
VOUT
VIN1
VINS
EN
+
1
µF
0.1
µF
LTC1477/1478 • TA04
ON/OFF
2.7V TO 5.5V
ISC = 1.5A
NC
LTC1477
VOUT
VIN2
VIN3
GND
VOUT
VIN1
VINS
EN
2A Protected Switch
1.5A Protected Switch
+
1
µF
0.1
µF
LTC1477/1478 • TA03
ON/OFF
2.7V TO 5.5V
ISC = 2A
VOUT
VIN2
VIN3
GND
VOUT
VIN1
VINS
EN
LTC1477



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com