Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1036 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1036
Description  This document describes the 2 kW 3-phase motor control evaluation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1036 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1036 Datasheet HTML 17Page - STMicroelectronics UM1036 Datasheet HTML 18Page - STMicroelectronics UM1036 Datasheet HTML 19Page - STMicroelectronics UM1036 Datasheet HTML 20Page - STMicroelectronics UM1036 Datasheet HTML 21Page - STMicroelectronics UM1036 Datasheet HTML 22Page - STMicroelectronics UM1036 Datasheet HTML 23Page - STMicroelectronics UM1036 Datasheet HTML 24Page - STMicroelectronics UM1036 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
DocID18293 Rev 2
21/47
UM1036
Board description
47
voltage. The output signal of the comparator is fed into the IPM to stop the commutation of
the connected motor as well as into the MCU control unit through the J2 connector. With the
value of the used resistor networks and applied NTC resistor, the shutdown temperature of
the heatsink is somewhere between 85 °C and 90 °C.
2.3.9
Active heatsink cooling
For better thermal transfer of heat from the heatsink, active fan cooling is implemented on
the board. The aluminum profile used is type 8424 from PADA Engineering. The
temperature is sensed with the NTC resistor and compared with a reference voltage in
comparator U9B. The fan is switched on automatically when temperature of the heatsink
reaches approximately 40 °C and is switched off when temperature of the heatsink falls to
35 °C. The thermal resistance of the heatsink, when the fan is not activated, is visible in
Figure 13, the thermal resistance with active fan cooling is visible in Figure 14.
Figure 13. Thermal resistance of the heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com