Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1036 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1036
Description  This document describes the 2 kW 3-phase motor control evaluation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1036 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1036 Datasheet HTML 27Page - STMicroelectronics UM1036 Datasheet HTML 28Page - STMicroelectronics UM1036 Datasheet HTML 29Page - STMicroelectronics UM1036 Datasheet HTML 30Page - STMicroelectronics UM1036 Datasheet HTML 31Page - STMicroelectronics UM1036 Datasheet HTML 32Page - STMicroelectronics UM1036 Datasheet HTML 33Page - STMicroelectronics UM1036 Datasheet HTML 34Page - STMicroelectronics UM1036 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
DocID18293 Rev 2
31/47
UM1036
Description of jumpers, test pins, and connectors
47
J5
Hall sensors / encoder input connector
1 - Hall sensor input 1 / encoder A+
1 - Hall sensor input 2 / encoder B+
1 - Hall sensor input 3 / encoder Z+
4 - 5 VDC
5 - GND
J6
Tachometer input connector for AC motor speed loop control
1 - tachometer bias
2 - tachometer input
J7
Dissipative brake
1 - open collector
2 - +bus voltage
Table 8. Testing pins description
Number
Description
TP1
Output phase A
TP2
Heatsink temperature
TP3
Output phase B
TP4
Sensed encoder / Hall signal H1/A+
TP5
Output phase C
TP6
Sensed encoder / Hall signal H2/B+
TP7
PWM - phase A - low-side
TP8
Sensed encoder / Hall signal H3/Z+
TP9
PWM - phase A - high-side
TP10
Voltage of the bus
TP11
PWM - phase B - low-side
TP12
Brake flag; when GND - brake switch activated
TP13
PWM - phase B - high-side
TP14
3.3 VDC
TP15
PWM - phase C - low-side
TP16
15 VDC
TP17
PWM - phase C - high-side
TP18
2.5 VDC - reference voltage
TP19
Current in phase A
TP20
GND
Table 7. Connector pinout description (continued)
Name
Reference
Description / pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com