Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1691 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1691
Description  The EVAL6470H-DISC can be used together
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1691 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1691 Datasheet HTML 31Page - STMicroelectronics UM1691 Datasheet HTML 32Page - STMicroelectronics UM1691 Datasheet HTML 33Page - STMicroelectronics UM1691 Datasheet HTML 34Page - STMicroelectronics UM1691 Datasheet HTML 35Page - STMicroelectronics UM1691 Datasheet HTML 36Page - STMicroelectronics UM1691 Datasheet HTML 37Page - STMicroelectronics UM1691 Datasheet HTML 38Page - STMicroelectronics UM1691 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
DocID025486 Rev 2
35/41
UM1691
General description
41
The FW L6470 library has been tested on the L6470H DISCOVERY board R1. The main
program contains a commented demonstration sequence which uses all the FW L6470
library supported features. This sequence is interactive and to proceed to the end some
user action is necessary.
For the “GoUntil” feature demonstration, when the LED SPARE is blinking for the first time,
the user shall close the SW MOTOR jumper J8. This triggers a switch turn on event at the
L6470 SW pin.
For the “ReleaseSW” feature demonstration, when the LED SPARE is blinking again, the
user shall open the SW MOTOR jumper J8. This triggers a L6470 SW pin release.
At the end of the demonstration sequence, the GPIO connected to LEFT and RIGHT
buttons are configured to trigger interrupts on the microcontroller:
On a LEFT button press, the microcontroller starts the motor at quarter of max. speed if it is
stopped or doubles the motor speed if it is already running.
On a LEFT button press, the microcontroller disables the power bridges after a smooth stop
if the motor is running at minimum speed or halves the motor speed if the motor is running
above minimum speed.
Even if the “Daisy Chain” mode is supported in the L6470 FW library, the L6470 Discovery
board HW does not allow it. Please contact ST support if you want more information on
“Daisy Chain” mode testing or implementation.
The FW L6470 library consists of the following files:
user_motion/dspin/inc/stm32f10x_conf.h Library configuration file
user_motion/dspin/src/stm32f10x_it.cInterrupt handlers
user_motion/dspin/inc/stm32f10x_it.hHeader for stm32f10x_it.c
user_motion/dspin/inc/clock.h
System clock setup related header
user_motion/dspin/src/clock.c
System clock source file
user_motion/dspin/inc/dspin.h
L6470 definitions header
user_motion/dspin/src/dspin.c
L6470 routines source file
user_motion/dspin/inc/dspin_config.hdSPIN configuration parameters (this file can be
generated by the GUI)
user_motion/dspin/inc/main.h
Main header file
user_motion/dspin/src/main.c
Main program
user_motion/dspin/inc/pre_include.hFirst header file included by the preprocessor
user_motion/dspin/readme.txt
Information on the files
4.6.3
Demonstration sequence description
The demonstration sequence description is for one L6470 device without daisy chaining.
The application commands used are noted after the pipe character. The application
commands traffic can be seen on the SPI interface, pins 18, 19, 20 and 23 which are
respectively SDO, CK, SDI and CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com