Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1691 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1691
Description  The EVAL6470H-DISC can be used together
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1691 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1691 Datasheet HTML 33Page - STMicroelectronics UM1691 Datasheet HTML 34Page - STMicroelectronics UM1691 Datasheet HTML 35Page - STMicroelectronics UM1691 Datasheet HTML 36Page - STMicroelectronics UM1691 Datasheet HTML 37Page - STMicroelectronics UM1691 Datasheet HTML 38Page - STMicroelectronics UM1691 Datasheet HTML 39Page - STMicroelectronics UM1691 Datasheet HTML 40Page - STMicroelectronics UM1691 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
DocID025486 Rev 2
37/41
UM1691
General description
41
Various application command examples
18. Motor moves by 60,000 steps forward | Move (DIR, N_STEP)
19. Wait until not busy - busy pin test (L6470 pin 22).
20. Send L6470 command setting hold duty cycle to 0.5%, send L6470 command
changing run duty cycle to 5% | SetParam (PARAM, VALUE)
21. Motor runs at constant speed of 50 steps/s in reverse direction | Run (DIR, SPD)
22. Motor softly stops after a few seconds | SoftStop
23. RESET KVAL_HOLD to initial value, RESET KVAL_RUN to initial value | SetParam
(PARAM, VALUE)
24. Wait until not busy - busy status check in Status register | GetStatus
25. Motor moves by 100,000 steps forward | Move (DIR, N_STEP)
26. Wait until not busy - busy status check in Status register | GetStatus
27. Test of the Flag pin (L6470 pin 24) by polling, wait in endless cycle if problem is
detected.
28. Motor moves to its home position | GoHome
29. Wait until not busy - busy pin test (L6470 pin 22).
30. Motor goes to absolute position 65535 through the shortest path | GoTo (ABS_POS)
31. Wait until not busy - busy pin test (L6470 pin 22).
32. Motor goes in forward direction to absolute position 131071 | GoTo_DIR (DIR,
ABS_POS)
33. Wait until not busy - busy pin test (L6470 pin 22).
34. Read run duty cycle (dSPIN_KVAL_RUN) parameter from L6470, read intersect speed
(dSPIN_INT_SPD) parameter from L6470 | GetParam(PARAM)
35. Read Status register content | GetStatus
36. Read absolute position (dSPIN_ABS_POS) parameter from L6470 |
GetParam(PARAM)
37. Reset position counter, actually | ResetPos
38. Read absolute position (dSPIN_ABS_POS) parameter from L6470 |
GetParam(PARAM)
39. L6470 disable power stage (High Impedance) immediately, as a consequence the
motor supply current drops | HardHiZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com