Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1692 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1692
Description  The EVAL6472H-DISC can be used together
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1692 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1692 Datasheet HTML 31Page - STMicroelectronics UM1692 Datasheet HTML 32Page - STMicroelectronics UM1692 Datasheet HTML 33Page - STMicroelectronics UM1692 Datasheet HTML 34Page - STMicroelectronics UM1692 Datasheet HTML 35Page - STMicroelectronics UM1692 Datasheet HTML 36Page - STMicroelectronics UM1692 Datasheet HTML 37Page - STMicroelectronics UM1692 Datasheet HTML 38Page - STMicroelectronics UM1692 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
DocID025487 Rev 2
35/42
UM1692
General description
42
4.6
Using the EVAL6472H-DISC with the firmware library
The L6472 firmware library is supplied as an IAR workspace with a source, include project
files. If you are using an IAR design environment, you just need to load the “dspin.eww” file
and use the “fwlibrairies_dspin_discoverykit” project which is already active.
If you are using a different design environment, you will find instructions in this user manual
to build a new project on your preferred IDE.
The L6472 firmware library is also supplied as an executable in a HEX and in a DFU format.
It can be loaded into the EVAL6472H-DISC board as explained in Section 4.4 on page 17.
4.6.1
FW library package contents
FW L6472 library
–
Described in Section 4.6.2.
CMSIS library
–
/stm32f10x/CMSIS
Library used by the L6472 FW library
STM32F10x Standard Peripherals Library Drivers
–
/stm32f10x/STM32F10x_StdPeriph_Driver Library used by the L6472 FW library
IAR workspace files
–
/user_motion/project/ewarm6/fwlibraries/dspin/dspin.eww
- a workspace file
–
/user_motion/project/ewarm6/fwlibraries/dspin/settings/dspin.wsdt
- a workspace settings file
–
/user_motion/project/ewarm6/fwlibraries/dspin/discoverykit
- a directory containing L6472 discovery board project files and subdirectories
–
/user_motion/project/ewarm6/fwlibraries/dspin/discoverykit/Debug/Exe/
- a directory containing the *.hex and *.dfu executable files
–
/user_motion/project/ewarm6/fwlibraries/dspin/pcc009v2
- a directory containing PCC009V2 board project files and subdirectories.
4.6.2
FW L6472 library description
The FW L6472 library has the following features
Register read, write and check
Register values conversion
Device configuration
Motion commands
FLAG and BUSY interrupts management
Button interrupts management
Step “Clock mode” management
Initialization routine using “GoUntil” and “ReleaseSW” commands
“Daisy Chain” mode.
The FW L6472 library has been tested on the L6472H DISCOVERY board R1. The main
program contains a commented demonstration sequence which uses all the FW L6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com