Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1692 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1692
Description  The EVAL6472H-DISC can be used together
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1692 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1692 Datasheet HTML 34Page - STMicroelectronics UM1692 Datasheet HTML 35Page - STMicroelectronics UM1692 Datasheet HTML 36Page - STMicroelectronics UM1692 Datasheet HTML 37Page - STMicroelectronics UM1692 Datasheet HTML 38Page - STMicroelectronics UM1692 Datasheet HTML 39Page - STMicroelectronics UM1692 Datasheet HTML 40Page - STMicroelectronics UM1692 Datasheet HTML 41Page - STMicroelectronics UM1692 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
DocID025487 Rev 2
39/42
UM1692
General description
42
“Go Until” example
40. Interrupt configuration for the SW MOTOR
41. Motor motion in a forward direction at speed 400 steps/s until the user puts a jumper on
J8, the LED_SPARE (YELLOW) toggles until the user puts a jumper on J8 | GoUntil
(ACT, DIR, SPD)
42. Motor stops
43. The LED_SPARE (YELLOW) is switched off.
44. Wait until not busy - busy pin test (L6472 pin 22).
45. Motor moves by 50,000 steps reverse | Move (DIR, N_STEP)
46. Motor moves to the position saved by the GoUntil command into the MARK register, so
50000 steps forward | GoMark
47. Wait until not busy - busy pin test (L6472 pin 22).
48. Nothing happens during a few seconds.
Release SW example
49. Motor motion in a reverse direction at minimum speed until the user removes the
jumper on J8, the LED_SPARE (YELLOW) toggles until the user removes the jumper
on J8 | ReleaseSW (ACT, DIR)
50. The LED_SPARE (YELLOW) is switched off.
51. Motor moves by 100,000 steps forward | Move (DIR, N_STEP)
52. Wait until not busy - busy pin test (L6472 pin 22).
53. Motor goes to home position set by the “ReleaseSW” command | GoHome
54. Wait until not busy - busy pin test (L6472 pin 22).
Step clock mode example
55. “Get Status” to clear FLAG due to switch turn-on event (falling edge on the SW pin) |
GetStatus
56. Motor runs in the step clock mode at 2000 steps/s in a forward direction for a few
seconds while a 2 kHz clock signal from the MCU is applied to the L6472 STCK pin
(25) | StepClock (DIR)
57. The above cited clock is stopped.
Buttons interrupt example
58. Buttons interrupt configuration:
a)
Button_A
- Starts the motor at quarter of max. speed if it is stopped | Run (DIR, SPD)
- Doubles the motor speed if it is already running | Run (DIR, SPD)
b)
Button_B
- Disables the power bridges after a smooth stop if the motor is running at
minimum speed | SoftHiZ
- Halves the motor speed if the motor is running above minimum speed | Run
(DIR, SPD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com