Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1122 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1122
Description  Fast Settling, JFET Input Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1122 Datasheet(HTML) 3 Page - Linear Technology

  LT1122 Datasheet HTML 1Page - Linear Technology LT1122 Datasheet HTML 2Page - Linear Technology LT1122 Datasheet HTML 3Page - Linear Technology LT1122 Datasheet HTML 4Page - Linear Technology LT1122 Datasheet HTML 5Page - Linear Technology LT1122 Datasheet HTML 6Page - Linear Technology LT1122 Datasheet HTML 7Page - Linear Technology LT1122 Datasheet HTML 8Page - Linear Technology LT1122 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LT1122
3
1122fb
For more information www.linear.com/LT1122
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±15V, VCM = 0V unless otherwise noted. (Note 2)
SYMBOL PARAMETER
CONDITIONS
LT1122AM/BM
LT1122AC/BC
LT1122CM/DM
LT1122CC/DC
LT1122CS/DS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
120
600
130
900
µV
IOS
Input Offset Current
4
40
5
50
pA
IB
Input Bias Current
10
75
12
100
pA
Input Resistance
Differential
Common Mode
VCM = –10V to 8V
VCM = 8V to 11V
1012
1012
1011
1012
1012
1011
Ω
Ω
Ω
Input Capacitance
4
4
pF
SR
Slew Rate
AV = –1
60
80
50
75
V/µs
Settling Time (Note 2)
10V to 0V, –10V to 0V
100% Tested: A- and C-Grades to 1mV at Sum Node
B- and D-Grades to 1mV at Sum Node
All Grades to 0.5mV at Sum Node
340
350
450
540
350
360
470
590
ns
ns
ns
GBW
Gain-Bandwidth Product Power
Bandwidth
VOUT = 20VP-P
14
1.2
13
1.1
MHz
MHz
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL = 2kΩ
VOUT = ±10V, RL = 600Ω
180
130
500
250
150
110
450
220
V/mV
V/mV
CMRR
Common-Mode Rejection Ratio VCM = ±10V
83
99
80
98
dB
Input Voltage Range
(Note 4)
±10.5 ±11
±10.5 ±11
V
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
86
103
82
101
dB
Input Noise Voltage
0.1Hz to 10Hz
3.0
3.3
µVP-P
Input Noise Voltage Density
fO = 100Hz
fO = 10kHz
25
14
27
15
nV/√Hz
nV/√Hz
Input Noise Current Density
fO = 100Hz, fO = 10kHz
2
2
fA/√Hz
VOUT
Output Voltage Swing
RL = 2kΩ
RL = 600Ω
±12
±11.5
±12.5
±12
±12
±11.5
±12.5
±12
V
V
IS
Supply Current
7.5
10
7.8
11
mA
Minimum Supply Voltage
(Note 5)
±5
±5
V
Offset Adjustment Range
RPOT ≥ 10k, Wiper to V+
±4
±10
±4
±10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com