Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1122 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1122
Description  Fast Settling, JFET Input Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1122 Datasheet(HTML) 4 Page - Linear Technology

  LT1122 Datasheet HTML 1Page - Linear Technology LT1122 Datasheet HTML 2Page - Linear Technology LT1122 Datasheet HTML 3Page - Linear Technology LT1122 Datasheet HTML 4Page - Linear Technology LT1122 Datasheet HTML 5Page - Linear Technology LT1122 Datasheet HTML 6Page - Linear Technology LT1122 Datasheet HTML 7Page - Linear Technology LT1122 Datasheet HTML 8Page - Linear Technology LT1122 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LT1122
4
1122fb
For more information www.linear.com/LT1122
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at 0°C ≤ TA ≤ 70°C. VS = ±15V, VCM = 0V. (Note 2)
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications
are at –55°C ≤ TA ≤ 125°C. VS = ±15V, VCM = 0V. (Note 2)
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications
are at –40°C ≤ TA ≤ 85°C. VS = ±15V, VCM = 0V. (Note 6)
SYMBOL PARAMETER
CONDITIONS
LT1122AC/BC
LT1122CC/DC
LT1122CS/DS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
l
350
1400
400
2000
µV
Average Temperature Coefficient of
Input Offset Voltage
l
5
18
6
25
µV/°C
IOS
Input Offset Current
l
12
150
15
200
pA
IB
Input Bias Current
l
80
600
90
800
pA
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL ≥ 2kΩ
l
120
380
100
340
V/mV
CMRR
Common-Mode Rejection Ratio
VCM = ±10V
l
82
98
78
96
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±17V
l
84
101
80
99
dB
Input Voltage Range
l
±10
±10.8
±10
±10.8
V
VOUT
Output Voltage Swing
RL = 2kΩ
l
±11.5 ±12.4
±11.5 ±12.4
V
SR
Slew Rate
AV = –1
l
50
70
40
65
V/µs
SYMBOL PARAMETER
CONDITIONS
LT1122AM/BM
LT1122CS/DS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
l
650
2400
800
3400
µV
Average Temperature Coefficient of
Input Offset Voltage
l
6
18
7
25
µV/°C
IOS
Input Offset Current
l
0.5
6
0.6
9
nA
IB
Input Bias Current
l
6
25
7
35
nA
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL ≥ 2kΩ
l
70
230
60
200
V/mV
CMRR
Common-Mode Rejection Ratio
VCM = ±10V
l
80
97
76
94
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±17V
l
83
100
78
98
dB
Input Voltage Range
l
±10
±10.5
±10
±10.5
V
VOUT
Output Voltage Swing
RL = 2kΩ
l
±11.3 ±12.1
±11.3 ±12.1
V
SR
Slew Rate
AV = –1
l
45
60
35
55
V/µs
SYMBOL PARAMETER
CONDITIONS
LT1122AM/BM
LT1122CS/DS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
l
450
1900
500
2700
µV
Average Temperature Coefficient of
Input Offset Voltage
l
6
20
7
28
µV/°C
IOS
Input Offset Current
l
30
600
40
900
pA
IB
Input Bias Current
l
230
2000
260
2700
pA
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL ≥ 2kΩ
l
95
340
80
300
V/mV
CMRR
Common-Mode Rejection Ratio
VCM = ±10V
l
80
98
76
96
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±17V
l
83
100
78
98
dB
Input Voltage Range
l
±10
±10.6
±10
±10.6
V
VOUT
Output Voltage Swing
RL = 2kΩ
l
±11.3 ±12.2
±11.3 ±12.2
V
SR
Slew Rate
AV = –1
l
45
60
35
60
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com