Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1192 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1192
Description  Ultrahigh Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1192 Datasheet(HTML) 2 Page - Linear Technology

  LT1192 Datasheet HTML 1Page - Linear Technology LT1192 Datasheet HTML 2Page - Linear Technology LT1192 Datasheet HTML 3Page - Linear Technology LT1192 Datasheet HTML 4Page - Linear Technology LT1192 Datasheet HTML 5Page - Linear Technology LT1192 Datasheet HTML 6Page - Linear Technology LT1192 Datasheet HTML 7Page - Linear Technology LT1192 Datasheet HTML 8Page - Linear Technology LT1192 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1192
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
1
2
3
4
8
7
6
5
TOP VIEW
BAL
V+
OUT
SHDN
BAL
–IN
+IN
V–
(Note 1)
Total Supply Voltage (V + to V –) ............................. 18V
Differential Input Voltage ........................................
±6V
Input Voltage ..........................................................
±VS
Output Short-Circuit Duration (Note 2) ........ Continuous
Operating Temperature Range
LT1192M (OBSOLETE) ............... –55
°C to 125°C
LT1192C ................................................. 0
°C to 70°C
Maximum Junction Temperature ......................... 150
°C
Storage Temperature Range ................. –65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LT1192CN8
LT1192CS8
S8 PART MARKING
ORDER PART
NUMBER
1192
ABSOLUTE
AXI U
RATI GS
PACKAGE DESCRIPTIO
TJMAX = 150°C, θJA = 100°C/W (N8)
TJMAX = 150°C, θJA = 150°C/W (S8)
Consult LTC Marketing for parts specified with wider operating temperature
ranges.
J8 PACKAGE 8-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
LT1192M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8 Package
0.2
2.5
mV
SO-8 Package
3
mV
IOS
Input Offset Current
0.2
1.7
µA
IB
Input Bias Current
±0.5
±2.5
µA
en
Input Noise Voltage
fO = 10kHz
9
nV/
√Hz
in
Input Noise Current
fO = 10kHz
4
pA/
√Hz
RIN
Input Resistance
Differential Mode
16
k
Ω
Common Mode
5
M
Ω
CIN
Input Capacitance
AV = 10
1.8
pF
Input Voltage Range
(Note 3)
–2.5
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = – 2.5V to 3.5V
70
85
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
70
85
dB
AVOL
Large-Signal Voltage Gain
RL = 1k, VO = ±3V
100
180
V/mV
RL = 100Ω, VO = ±3V
16
35
V/mV
VS = ±8V, RL = 100Ω, VO = ±5V
20
60
V/mV
VOUT
Output Voltage Swing
VS = ±5V, RL = 1k
±3.7
±4V
VS = ±8V, RL = 1k
±6.7
±7V
SR
Slew Rate
AV = – 10, RL = 1k (Notes 4, 9)
325
450
V/
µs
FPBW
Full-Power Bandwidth
VO = 6VP-P (Note 5)
17.2
23.9
MHz
GBW
Gain Bandwidth Product
350
MHz
tr1, tf1
Rise Time, Fall Time
AV = 50, VO = ±1.5V, 20% to 80% (Note 9)
23
35
50
ns
tr2, tf2
Rise Time, Fall Time
AV = 5, VO = ±125mV, 10% to 90%
2.7
ns
tPD
Propagation Delay
AV = 5, VO = ±125mV, 50% to 50%
3.5
ns
Overshoot
AV = 5, VO = ±125mV
50
%
ts
Settling Time
3V Step, 0.1% (Note 6)
90
ns
VS = ±5V, TA = 25°C, CL ≤ 10pF, Pin 5 open circuit unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LT1192MJ8
LT1192CJ8
OBSOLETE PACKAGE
Consider the N8 or S8 Packages for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com