Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1192 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1192
Description  Ultrahigh Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1192 Datasheet(HTML) 3 Page - Linear Technology

  LT1192 Datasheet HTML 1Page - Linear Technology LT1192 Datasheet HTML 2Page - Linear Technology LT1192 Datasheet HTML 3Page - Linear Technology LT1192 Datasheet HTML 4Page - Linear Technology LT1192 Datasheet HTML 5Page - Linear Technology LT1192 Datasheet HTML 6Page - Linear Technology LT1192 Datasheet HTML 7Page - Linear Technology LT1192 Datasheet HTML 8Page - Linear Technology LT1192 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1192
LT1192M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8 Package
q
0.4
3.5
mV
∆VOS/∆T
Input VOS Drift
q
2
µV/°C
IOS
Input Offset Current
q
0.2
2
µA
IB
Input Bias Current
q
±0.5
±2.5
µA
CMRR
Common Mode Rejection Ratio
VCM = – 2.5V to 3.5V
q
65
85
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±5V
q
70
90
dB
AVOL
Large-Signal Voltage Gain
RL = 1k, VO = ±3V
q
55
90
V/mV
RL = 100Ω, VO = ±3V
q
514
V/mV
VOUT
Output Voltage Swing
RL = 1k
q
±3.7
±3.9
V
IS
Supply Current
q
32
38
mA
Shutdown Supply Current
Pin 5 at V – (Note 8)
q
1.5
2.5
mA
ISHDN
Shutdown Pin Current
Pin 5 at V –
q
20
µA
LT1192M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Diff AV
Differential Gain
RL = 150Ω, AV = 10 (Note 7)
0.23
%
Diff Ph
Differential Phase
RL = 150Ω, AV = 10 (Note 7)
0.15
DegP-P
IS
Supply Current
32
38
mA
Shutdown Supply Current
Pin 5 at V –
1.3
2
mA
ISHDN
Shutdown Pin Current
Pin 5 at V –
20
50
µA
tON
Turn On Time
Pin 5 from V – to Ground, RL = 1k
100
ns
tOFF
Turn Off Time
Pin 5 from Ground to V –, RL = 1k
400
ns
VS = ±5V, TA = 25°C, CL ≤ 10pF, Pin 5 open circuit unless otherwise noted.
LT1192M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
All Packages
0.4
4
mV
IOS
Input Offset Current
0.2
1.2
µA
IB
Input Bias Current
±0.5
±1.5
µA
Input Voltage Range
(Note 3)
2
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = 2V to 3.5V
60
80
dB
AVOL
Large-Signal Voltage Gain
RL = 100Ω to Ground, VO = 1V to 3V
30
50
V/mV
VOUT
Output Voltage Swing
RL = 100Ω to Ground
VOUT High
3.6
3.8
V
VOUT Low
0.25
0.4
SR
Slew Rate
AV = –5, VO = 1V to 3V
250
V/
µs
GBW
Gain Bandwidth Product
350
MHz
IS
Supply Current
29
36
mA
Shutdown Supply Current
Pin 5 at V –
1.2
2
mA
ISHDN
Shutdown Pin Current
Pin 5 at V –
20
50
µA
VS+ = 5V, VS– = 0V, VCM = 2.5V, TA = 25°C, CL ≤ 10pF, Pin 5 open circuit unless otherwise noted.
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range of – 55
°C ≤ TA ≤ 125°C.
VS = ±5V, Pin 5 open circuit unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com