Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1236LS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1236LS8
Description  Precision, Low Noise, Low Profile Hermetic Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236LS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1236LS8 Datasheet HTML 1Page - Linear Technology LT1236LS8 Datasheet HTML 2Page - Linear Technology LT1236LS8 Datasheet HTML 3Page - Linear Technology LT1236LS8 Datasheet HTML 4Page - Linear Technology LT1236LS8 Datasheet HTML 5Page - Linear Technology LT1236LS8 Datasheet HTML 6Page - Linear Technology LT1236LS8 Datasheet HTML 7Page - Linear Technology LT1236LS8 Datasheet HTML 8Page - Linear Technology LT1236LS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1236LS8
5
1236ls8f
Typical perForMance characTerisTics
Load Transient Response,
CLOAD = 0
Load Transient Response,
CLOAD = 1000pF
Output Noise 0.1Hz to 10Hz
Thermal Regulation
TIME (µs)
2
1236ls8 G11
1
0
2
4
1
3
3
0
4
ISOURCE = 2-10mA
ISOURCE = 0.5mA
ISINK = 0
ISINK = 0.2mA
ISINK = 2-10mA
50mV
50mV
∆ISINK = 100µAP-P
∆ISOURCE = 100µAP-P
ISOURCE = 0
TIME (µs)
10
1236ls8 G12
5
0
10
20
5
15
15
0
20
ISOURCE = 2-10mA
ISOURCE = 0.2mA
ISINK = 0
ISINK = 0.2mA
ISINK = 2-10mA
20mV
20mV
∆ISINK = 100µAP-P
∆ISOURCE = 100µAP-P
ISOURCE = 0
TIME (ms)
–1.0
– 0.5
140
1236ls8 G10
20
60
100
0
0
40
80
120
LOAD
REGULATION
THERMAL
REGULATION*
ILOAD = 10mA
*INDEPENDENT OF TEMPERATURE COEFFICIENT
VIN = 25V
∆POWER = 200mW
TIME (MINUTES)
0
3
5
1236ls8 G13
1
2
4
6
5µV (1ppm)
FILTERING = 1 ZERO AT ORIGIN
1 POLE AT 0.1Hz
2 POLES AT 10Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com