Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1236LS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1236LS8
Description  Precision, Low Noise, Low Profile Hermetic Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236LS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1236LS8 Datasheet HTML 1Page - Linear Technology LT1236LS8 Datasheet HTML 2Page - Linear Technology LT1236LS8 Datasheet HTML 3Page - Linear Technology LT1236LS8 Datasheet HTML 4Page - Linear Technology LT1236LS8 Datasheet HTML 5Page - Linear Technology LT1236LS8 Datasheet HTML 6Page - Linear Technology LT1236LS8 Datasheet HTML 7Page - Linear Technology LT1236LS8 Datasheet HTML 8Page - Linear Technology LT1236LS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1236LS8
1
1236ls8f
Typical applicaTion
FeaTures
DescripTion
Precision, Low Noise, Low
Profile Hermetic Voltage Reference
The LT®1236LS8 is a precision reference that combines
low drift and noise with excellent long-term stability and
highoutputaccuracy.Thereferenceoutputwillbothsource
and sink up to 10mA and remains very constant with input
voltage variations.
The hermetic package provides outstanding humidity and
thermal hysteresis performance. The LT1236LS8 is only
5mm
× 5mm × 1.5mm, offering an alternative to large
through-hole metal can voltage references, such as the
industry standard LT1021. The LT1236LS8 offers similar
performance to the LT1236, with additional stability from
the hermetic package.
LT1236LS8 is based on a buried Zener diode structure,
whichenablestemperatureandtimestability,andextremely
low noise performance of < 1ppm peak-to-peak. Noise is
100% tested in production. The LT1236LS8 operates on a
supply voltage from 7.2V up to 40V. The subsurface Zener
exhibits better time stability than even the best bandgap
reference,andthehermeticpackagemaintainsthatstability
over a wide range of environmental conditions.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Basic Connection
Typical Distribution of Temperature Drift
applicaTions
n
Hermetic 5mm
× 5mm LCC Leadless Chip Carrier
Package:
Insensitive to Humidity
Thermal Hysteresis: 8ppm (0°C to 70°C)
Thermal Hysteresis: 60ppm (–40°C to 85°C)
n
Low Drift:
A-Grade: 5ppm/°C Max
B-Grade: 10ppm/°C Max
n
High Accuracy:
A-Grade: ±0.05% Max
B-Grade: ±0.10% Max
n
Low Noise: <1ppm Peak-to-Peak (0.1Hz to 10Hz)
n
100% Noise Tested
n
Sinks and Sources ±10mA
n
Wide Supply Range to 40V
n
8-Pin (5mm
× 5mm) LS8 Package
n
Instrumentation and Test Equipment
n
High Resolution Data Acquisition Systems
n
A/D and D/A Converters
n
Precision Regulators
n
Precision Scales
n
Digital Voltmeters
LT1236LS8
OUT
IN
GND
VOUT
VIN
LT1236LS8 TA01
OUTPUT DRIFT (ppm/°C)
–3
0
4
8
12
16
24
22
–2
–1
0
1
LT1236LS8 TA02
2
3
20
18
14
10
6
2
DISTRIBUTION
OF THREE RUNS


Similar Part No. - LT1236LS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1236LS8 LINER-LT1236LS8 Datasheet
232Kb / 16P
Precision, Low Noise, Low Profile Hermetic Voltage Reference
More results

Similar Description - LT1236LS8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293 AD-ADR293 Datasheet
159Kb / 11P
Low Noise Micropower Precision Voltage Reference
REV.0
logo
Linear Technology
LT1236LS8 LINER-LT1236LS8 Datasheet
232Kb / 16P
Precision, Low Noise, Low Profile Hermetic Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Linear Technology
LT1027LS8 LINER-LT1027LS8 Datasheet
3Mb / 14P
Precision, Low Noise, High Stability Hermetic Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com