Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR1026SD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DDR1026SD
Description  Dual Desk Mount for 10" to 26" Flat-Screen Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR1026SD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DDR1026SD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR1026SD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual Desk Mount for 10" to 26" Flat-Screen Displays
MODEL NUMBER: DDR1026SD
Description
Tripp Lite’s VESA-compliant DDR1026SD Dual Flat-Screen Desk Stand frees up valuable space in your
workstation and increases workday productivity by enabling the suspension of 2 flat-panel displays on a single
base. It features convenient one-touch display adjustment with tilt, swivel and rotation capabilities and fits most
10- to 26-inch flat-panel displays. Its durable, all-metal frame with scratch-resistant, powder-coat finish
withstands the stress of repeated use and blends easily into any décor. It comes with all necessary mounting hardware, and each mount supports weights of
up to 30 lbs. For peace of mind, the DDR1026SD comes backed by a 5-year warranty.
Features
Tripp Lite’s VESA-compliant DDR1026SD Dual Flat-Screen Desk Stand frees up valuable space in your workstation and increases workday productivity
by enabling the suspension of 2 flat-panel displays on a single base
Convenient one-touch display adjustment with tilt, swivel and rotation capabilities and fits most 10- to 26-inch flat-panel displays
Durable, all-metal frame with scratch-resistant, powder-coat finish withstands the stress of repeated use and blends easily into any décor
Includes all necessary mounting hardware, and each mount supports weights of up to 30 lbs
5-year warranty
Specifications
PHYSICAL
Screen Size (cm)
2.54 - 50.8; 53.34 - 73.66
Mounting Location
Desktop
Unit Dimensions (hwd / in.)
15.7 x 28.9 x 10.2
Unit Dimensions (hwd / cm)
39.88 x 73.41 x 25.91
Unit Weight (lbs.)
8.5
Unit Weight (kg)
3.86
Highlights
Increases available desk/table
space in office workstation
applications
Dual mounts fit most flat-panel
displays from 10” to 26”
Convenient one-touch display
adjustment for easy view
optimization and improved
ergonomics
Wide range of motion with -15° to
+15° tilt, 180° swivel and 360°
rotation capability
Each mount supports up to 30 lbs.
5-year warranty
Package Includes
DDR1026SD Full-Motion
Flat-Screen Desk Mount
Mounting Hardware
Owner’s Manual
1 / 2


Similar Part No. - DDR1026SD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1026MQ TRIPPLITE-DDR1026MQ Datasheet
514Kb / 2P
Quad Desk Mount for 10" to 26" Flat-Screen Displays
More results

Similar Description - DDR1026SD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1026MQ TRIPPLITE-DDR1026MQ Datasheet
514Kb / 2P
Quad Desk Mount for 10" to 26" Flat-Screen Displays
DDR1032SE TRIPPLITE-DDR1032SE Datasheet
503Kb / 2P
Single Desk Mount for 10" to 32" Flat-Screen Displays
DDR1326SD TRIPPLITE-DDR1326SD Datasheet
509Kb / 2P
Dual Desk Mount for 13" to 26" Flat-Screen Displays
DDR1327DCS TRIPPLITE-DDR1327DCS Datasheet
509Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327S TRIPPLITE-DDR1327S Datasheet
497Kb / 2P
Full-Motion Desk Mount for 13" to 27" Flat-Screen Displays
DWF2655X TRIPPLITE-DWF2655X Datasheet
510Kb / 2P
Fixed Wall-Mount for 26 to 55 Flat-Screen Displays
DWM2655M TRIPPLITE-DWM2655M Datasheet
521Kb / 2P
Full-Motion Wall-Mount for 26 to 55 Flat-Screen Displays
DWT2655XE TRIPPLITE-DWT2655XE Datasheet
515Kb / 2P
Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DWT2655XP TRIPPLITE-DWT2655XP Datasheet
519Kb / 2P
Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DDR1527SDC TRIPPLITE-DDR1527SDC Datasheet
493Kb / 3P
Dual Vertical Flat-Screen Desk Stand/Clamp Mount, 15 in. to 27 in. Flat-Screen Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com