Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR1032SE Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DDR1032SE
Description  Single Desk Mount for 10" to 32" Flat-Screen Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR1032SE Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DDR1032SE Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR1032SE Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single Desk Mount for 10" to 32" Flat-Screen
Displays
MODEL NUMBER: DDR1032SE
Description
Tripp Lite’s VESA-compliant DDR1032SE Flat-Screen Desk Stand frees up valuable space in your workstation
and increases workday productivity by enabling the suspension of flat-panel displays on a single base. It
features convenient one-touch display adjustment with tilt, swivel and rotation capabilities and fits most 10- to
32-inch flat-panel displays. Its durable, all-metal frame with scratch-resistant, powder-coat finish withstands the stress of repeated use and blends easily into
any décor. It comes with all necessary mounting hardware, and each mount supports weights of up to 36 lbs. For peace of mind, the DDR1032SE comes
backed by a 5-year warranty.
Features
Tripp Lite’s VESA-compliant DDR1032SE Flat-Screen Desk Stand frees up valuable space in your workstation and increases workday productivity by
enabling the suspension of flat-panel displays on a single base
Convenient one-touch display adjustment with tilt, swivel and rotation capabilities and fits most 10- to 32-inch flat-panel displays
Durable, all-metal frame with scratch-resistant, powder-coat finish withstands the stress of repeated use and blends easily into any décor
Includes all necessary mounting hardware, and each mount supports weights of up to 36 lbs
5-year warranty
Specifications
PHYSICAL
Screen Size (cm)
2.54 - 50.8; 53.34 - 73.66; 76.2 - 99.06
Mounting Location
Desktop
Unit Dimensions (hwd / in.)
15.7 x 10.2 x 14.9
Unit Dimensions (hwd / cm)
39.88 x 25.91 x 37.8
Unit Weight (lbs.)
5.5
Highlights
Increases available desk/table
space in office workstation
applications
Fits most flat-panel displays from
10” to 32”
Convenient one-touch display
adjustment for easy view
optimization and improved
ergonomics
Wide range of motion with -15° to
+15° tilt, 180° swivel and 360°
rotation capability
Supports up to 36 lbs.
5-year warranty
Package Includes
DDR1032SE Full-Motion
Flat-Screen Desk Mount
Mounting Hardware
Owner’s Manual
1 / 2


Similar Part No. - DDR1032SE

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DDR1000W500RJC TOKEN-DDR1000W500RJC Datasheet
307Kb / 2P
Power Resistor Assembly Method
DDR1000W500RJG TOKEN-DDR1000W500RJG Datasheet
307Kb / 2P
Power Resistor Assembly Method
DDR1000W500RJN TOKEN-DDR1000W500RJN Datasheet
307Kb / 2P
Power Resistor Assembly Method
DDR1000W500RJZ TOKEN-DDR1000W500RJZ Datasheet
307Kb / 2P
Power Resistor Assembly Method
DDR1000W500RKC TOKEN-DDR1000W500RKC Datasheet
307Kb / 2P
Power Resistor Assembly Method
More results

Similar Description - DDR1032SE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1026MQ TRIPPLITE-DDR1026MQ Datasheet
514Kb / 2P
Quad Desk Mount for 10" to 26" Flat-Screen Displays
DDR1026SD TRIPPLITE-DDR1026SD Datasheet
505Kb / 2P
Dual Desk Mount for 10" to 26" Flat-Screen Displays
DDR1326SD TRIPPLITE-DDR1326SD Datasheet
509Kb / 2P
Dual Desk Mount for 13" to 26" Flat-Screen Displays
DDR1327DCS TRIPPLITE-DDR1327DCS Datasheet
509Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327S TRIPPLITE-DDR1327S Datasheet
497Kb / 2P
Full-Motion Desk Mount for 13" to 27" Flat-Screen Displays
DDR1327SDFC TRIPPLITE-DDR1327SDFC Datasheet
504Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SFC TRIPPLITE-DDR1327SFC Datasheet
496Kb / 2P
Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DWF3270X TRIPPLITE-DWF3270X Datasheet
500Kb / 2P
Fixed Wall-Mount for 32 to 70 Flat-Screen Displays
DWT3270X TRIPPLITE-DWT3270X Datasheet
499Kb / 2P
Tilt Wall-Mount for 32 to 70 Flat-Screen Displays
DDR1527SDC TRIPPLITE-DDR1527SDC Datasheet
493Kb / 3P
Dual Vertical Flat-Screen Desk Stand/Clamp Mount, 15 in. to 27 in. Flat-Screen Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com