Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2USBD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # TLP2USBD
Description  Protect It 230V Surge Protector with 2 Schuko Type F Outlets, 0.33M Cord, 380 Joules, German plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP2USBD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  TLP2USBD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP2USBD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP2USBD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Protect It! 230V Surge Protector with 2 Schuko Type
F Outlets, 0.33M Cord, 380 Joules, German plug
MODEL NUMBER: TLP2USBD
Description
Tripp Lite's Protect It!™ TLP2USBD offers economical AC surge suppression for full protection of 220-250V home computers, printers, scanners, and desk
lamps. The TLP2USBD offers 2 Schuko type F outlets and 33 cm AC line cord. Two USB ports are perfect for charging cell phones, iPods, MP3 players and
other mobile devices. Internal safety covers protect against accidental contact with unused outlets.
Features
Protect It!™ TLP2USBD offers economical AC surge suppression
380 joules AC surge suppression shields equipment from surges and line noise
2 Schucko outlets protects computers and peripherals
2 USB ports are perfect for changing cell phones, iPods, MP3 players and other mobile devices
33 cm cord with German plug
Internal safety covers protect against accidental contact with unused outlets
Specifications
OUTPUT
Output Receptacles
(2) Schuko Type F
Circuit Breaker (amps)
10
Transformer Accommodation
1
USB Charging
No
INPUT
Nominal Input Voltage(s) Supported
230V AC
Highlights
2 safety outlets
380 joule rating
2 USB ports
33 cm cord
Applications
Ideal for notebooks, home computers,
printers, scanners, and desk lamps.
Package Includes
TLP2USBD surge suppressor
Instruction manual and warranty
information
1 / 3


Similar Part No. - TLP2USBD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
TLP2USBF TRIPPLITE-TLP2USBF Datasheet
491Kb / 3P
Protect It 230V Surge Protector with 2 French/Belgian Outlets, 0.33M Cord, 380 Joules, French plug
More results

Similar Description - TLP2USBD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SUPER6OMNID TRIPPLITE-SUPER6OMNID Datasheet
487Kb / 3P
Protect It 230V 6-Universal Outlet Surge Protector, 1.8M Cord, German/French Plug, 750 Joules
TLP2USBF TRIPPLITE-TLP2USBF Datasheet
491Kb / 3P
Protect It 230V Surge Protector with 2 French/Belgian Outlets, 0.33M Cord, 380 Joules, French plug
TLP51D TRIPPLITE-TLP51D Datasheet
488Kb / 2P
Protect It 230V Surge Protector with 5Schuko Type F Outlets, 1M Cord, 280 Joules, German plug,Diagnostic LED
TLP51F TRIPPLITE-TLP51F Datasheet
486Kb / 2P
Protect It 230V Surge Protector with 5 French/Belgian Outlets, 1M Cord, 280 Joules,French plug, Diagnostic LED
TLP61F TRIPPLITE-TLP61F Datasheet
482Kb / 3P
Protect It 230V Surge Protector with 6 French/Belgian Outlets, 2M Cord, 1140 Joules,French plug
TLP82D TRIPPLITE-TLP82D Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
TLP82MASD TRIPPLITE-TLP82MASD Datasheet
506Kb / 3P
Protect It 230V Surge Protector with 8-Schuko Type F Outlets, German Plug, 1140 Joules, Coax/Network Protection
TLP82NSATD TRIPPLITE-TLP82NSATD Datasheet
501Kb / 3P
Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules, Tel/Coax Protection
TLP6G18USB TRIPPLITE-TLP6G18USB Datasheet
164Kb / 4P
6-Outlet Surge Protector with USB Charging - German Type F Schuko Outlets, 220-250V, 16A, Schuko Plug, White
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com