Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2USBD Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # TLP2USBD
Description  Protect It 230V Surge Protector with 2 Schuko Type F Outlets, 0.33M Cord, 380 Joules, German plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP2USBD Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  TLP2USBD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP2USBD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP2USBD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Recommended Electrical Service
230V (220-250V)
Input Connection Type
German
Input Cord Length (ft.)
1
Input Cord Length (m)
0.33
Voltage Compatibility (VAC)
220-250
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
380
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Shipping Dimensions (hwd / in.)
8.67 x 6.10 x 3.15
Shipping Dimensions (hwd / cm)
22.02 x 15.49 x 8.00
Shipping Weight (lbs.)
.50
Shipping Weight (kg)
0.23
Unit Dimensions (hwd / in.)
5.9 x 2.17 x 1.63
Unit Dimensions (hwd / cm)
14.99 x 5.51 x 4.14
Unit Weight (lbs.)
.48
Unit Weight (kg)
0.22
Housing Color
Black
Receptacle Color
Black
Color (AC Line Cord)
Black
Metal Case
No
CONNECTIONS
Ports
2
SPECIAL FEATURES
Right-Angle Plug
Yes
WARRANTY
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com