Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP82MASF Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # TLP82MASF
Description  Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 1140 Joules, Tel/Coax Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP82MASF Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  TLP82MASF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP82MASF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP82MASF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Protect It! 230V Surge Protector with 8
French/Belgian Outlets, French Plug, 1140 Joules,
Tel/Coax Protection
MODEL NUMBER: TLP82MASF
Description
Tripp Lite's Protect It!™ TLP82MASF offers economical AC surge suppression for full protection of 220-250V
home computers, pritners, scaners, and desk lamps. The TLP82MASF offers 8 French type E outlets and a 2
meter AC line cord. Internal safety covers protect against accidental contact with unused outlets.
Features
Protect It!™ TLP82MASF offers economical AC surge suppression
1140 joules AC surge suppression shields equipment from surges and line noise
8 French outlets protects computers and peripherals
2 m cord with French plug
Lighted ON/OFF switch with circuit breaker
Network Protection
Coax Protection
Aerial Adapters
Energy saving master/subordinate outlet array
Internal safety covers protect against accidental contact with unused outlets
Specifications
OUTPUT
Output Receptacles
(8) French/Belgian
Output (Watts)
2500
Circuit Breaker (amps)
10
Highlights
8 safety outlets
2 m cord
Network protection
1 Line coax protection
Protected/Grounded LED's
1140 joule rating
Energy saving
master/subordinate outlet array
Applications
Ideal for home computers, printers,
scanners, and desk lamps.
Package Includes
TLP82MASF surge suppressor
1.8 aerial cable and 2 aerial
adapters
1.8 m gold coax cable
1.8 m network cable
Instruction manual and warranty
information
1 / 3


Similar Part No. - TLP82MASF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
TLP82MASD TRIPPLITE-TLP82MASD Datasheet
506Kb / 3P
Protect It 230V Surge Protector with 8-Schuko Type F Outlets, German Plug, 1140 Joules, Coax/Network Protection
More results

Similar Description - TLP82MASF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SUPER6OMNID TRIPPLITE-SUPER6OMNID Datasheet
487Kb / 3P
Protect It 230V 6-Universal Outlet Surge Protector, 1.8M Cord, German/French Plug, 750 Joules
TLP2USBF TRIPPLITE-TLP2USBF Datasheet
491Kb / 3P
Protect It 230V Surge Protector with 2 French/Belgian Outlets, 0.33M Cord, 380 Joules, French plug
TLP51F TRIPPLITE-TLP51F Datasheet
486Kb / 2P
Protect It 230V Surge Protector with 5 French/Belgian Outlets, 1M Cord, 280 Joules,French plug, Diagnostic LED
TLP61F TRIPPLITE-TLP61F Datasheet
482Kb / 3P
Protect It 230V Surge Protector with 6 French/Belgian Outlets, 2M Cord, 1140 Joules,French plug
TLP82D TRIPPLITE-TLP82D Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
TLP82MASD TRIPPLITE-TLP82MASD Datasheet
506Kb / 3P
Protect It 230V Surge Protector with 8-Schuko Type F Outlets, German Plug, 1140 Joules, Coax/Network Protection
TLP82NSATD TRIPPLITE-TLP82NSATD Datasheet
501Kb / 3P
Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules, Tel/Coax Protection
TLP82NSATF TRIPPLITE-TLP82NSATF Datasheet
501Kb / 3P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules, Tel/Coax Protection
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com