Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP82MASF Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # TLP82MASF
Description  Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 1140 Joules, Tel/Coax Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP82MASF Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  TLP82MASF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP82MASF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP82MASF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Transformer Accommodation
5
USB Charging
No
INPUT
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
230V (220-250V)
Maximum Input Amps
10
Input Connection Type
French
Input Cord Length (ft.)
6
Input Cord Length (m)
2
Voltage Compatibility (VAC)
220-250
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LEDs
Protected/Grounded
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
1140
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Cable (Coax) Protection
Yes
Cable (Coax) Protection Details
1 line
Network (Ethernet) Protection
Yes
Network (Ethernet) Protection Details
1 line
PHYSICAL
Shipping Dimensions (hwd / in.)
14.80 x 7.48 x 2.17
Shipping Dimensions (hwd / cm)
37.59 x 19.00 x 5.51
Shipping Weight (lbs.)
2.3
Shipping Weight (kg)
1.04
Unit Dimensions (hwd / in.)
12.44 x 4.61 x 1.93
Unit Dimensions (hwd / cm)
31.60 x 11.71 x 4.90
Unit Weight (lbs.)
2.1
Unit Weight (kg)
0.95
Housing Color
Black
Receptacle Color
Black
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com