Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN390 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN390
Description  AVS kit guidelines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN390 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN390 Datasheet HTML 5Page - STMicroelectronics AN390 Datasheet HTML 6Page - STMicroelectronics AN390 Datasheet HTML 7Page - STMicroelectronics AN390 Datasheet HTML 8Page - STMicroelectronics AN390 Datasheet HTML 9Page - STMicroelectronics AN390 Datasheet HTML 10Page - STMicroelectronics AN390 Datasheet HTML 11Page - STMicroelectronics AN390 Datasheet HTML 12Page - STMicroelectronics AN390 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID3572 Rev 4
9/17
AN390
AVS description
17
•
VMode (Pin 7) = VDD: The Triac triggering pulse is activated 8 AC line periods after the
power on reset of the IC and if a low line voltage is sensed. If the AC line voltage
changes from typically 110 V to 230 V, then the AVS circuit turns the Triac off. If the AC
line voltage changes back from 230 V to 110 V, the AVS IC controller waits 8 mains
cycles before to turn the Triac on (see Figure 6). This is done to check if the AC line
voltage is a stable 110 V value and that the voltage reduction is not a short voltage dip.
•
VMode (Pin 7) = VSS: The Triac control remains locked to range II until circuit reset. This
means that if the device is turned into a bridge mode, it will remain in the bridge mode,
even if the AC line voltage suddenly dips into the 110 V range (see Figure 7).
Figure 6. Timing Diagram with Vmode (Pin 7) = VDD
Figure 7. Timing Diagram with Vmode (Pin 7) = VSS
VAC (NOMINAL RMS)
Vthres2
Tdelay
< 1 AC line cycle
8 AC line cycles
< 1 AC line cycle
IG
time
time
Triac OFF
Triac ON
Triac OFF
Triac ON
Triac OFF
Vthres1
100V
240V
Tdelay
< 1 AC line cycle
IG
time
Triac OFF
Triac ON
Triac OFF
VAC (NOMINAL RMS)
Vthres2
time
Vthres1
240V
100V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com