Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN390 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN390
Description  AVS kit guidelines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN390 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN390 Datasheet HTML 9Page - STMicroelectronics AN390 Datasheet HTML 10Page - STMicroelectronics AN390 Datasheet HTML 11Page - STMicroelectronics AN390 Datasheet HTML 12Page - STMicroelectronics AN390 Datasheet HTML 13Page - STMicroelectronics AN390 Datasheet HTML 14Page - STMicroelectronics AN390 Datasheet HTML 15Page - STMicroelectronics AN390 Datasheet HTML 16Page - STMicroelectronics AN390 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID3572 Rev 4
13/17
AN390
Conclusion
17
4
Conclusion
This paper describes an efficient way of implementing an automatic doubler/bridge circuit.
The primary use of this circuit is in 75 W to 500 W SMPS. Other innovative uses are
possible.
The main advantages of the AVS solution are:
•
High efficiency
: Losses are just 2 W vs. 5 to 10 W for discrete schemes.
•
Safety
: Uses digital spike suppression, hysteresis, validation of range, a failsafe mode
and good control.
•
Space optimization
: Small supply resistor and good reliability.
•
Ease of use
: Eliminates errors when the line range has to be selected manually by the
end user.
•
Available solutions
for various power ranges:
–
AVS08 < 200 W
–
AVS10 up to 300 W
–
AVS12 up to 500 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com