Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN420 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN420
Description  Occasionally the analog signal provided by external sensors require
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN420 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN420 Datasheet HTML 5Page - STMicroelectronics AN420 Datasheet HTML 6Page - STMicroelectronics AN420 Datasheet HTML 7Page - STMicroelectronics AN420 Datasheet HTML 8Page - STMicroelectronics AN420 Datasheet HTML 9Page - STMicroelectronics AN420 Datasheet HTML 10Page - STMicroelectronics AN420 Datasheet HTML 11Page - STMicroelectronics AN420 Datasheet HTML 12Page - STMicroelectronics AN420 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN420
Example
Doc ID 2078 Rev 2
9/15
Figure 3.
Conversion routine
The actual circuit values are calculated as follows. With arbitrarily chosen Rr equal to 10 K
Ω,
the other resistor values are given by:
VN1 = VN2 = VN3 = 0
CONVERT
SATURATED?
NO
DONE
Vin => [0, 2.5] V
CONVERT
VN3 = 1
YES
SATURATED?
NO
DONE
Vin => [2.5, 5] V
CONVERT
YES
SATURATED?
NO
DONE
VN3 = 0, VN2 = 1
Vin => [5, 7.5] V
YES
CONVERT
VN2 = 0, VN1 = 1
DONE
Vin => [7.5, 10] V
R
r
R
P1
----------
2R
P1
⇒
5000
Ω
==
R
r
R
N1
----------
3R
N1
⇒
3333
Ω
==
R
r
R
N2
----------
2R
N2
⇒
5000
Ω
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com