Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN420 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN420
Description  Occasionally the analog signal provided by external sensors require
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN420 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN420 Datasheet HTML 7Page - STMicroelectronics AN420 Datasheet HTML 8Page - STMicroelectronics AN420 Datasheet HTML 9Page - STMicroelectronics AN420 Datasheet HTML 10Page - STMicroelectronics AN420 Datasheet HTML 11Page - STMicroelectronics AN420 Datasheet HTML 12Page - STMicroelectronics AN420 Datasheet HTML 13Page - STMicroelectronics AN420 Datasheet HTML 14Page - STMicroelectronics AN420 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AN420
Application example
Doc ID 2078 Rev 2
11/15
5
Application example
An example ST62 software program follows on the next pages. It executes the program flow
of Figure 3 in the application circuit of Figure 4.
Figure 4.
Example circuit
The ST6215 pin allocation is arbitrary. The three outputs can drive other identical circuits,
when more the one 10-bit A/D channel is needed. Also, a different number of 'pieces' can be
used to achieve a different resolution.
;***********************************************************************************
;* File name: HIRES_AD.ASM
;*
;* ALGEBRAIC ADDER AND ST6 A/D CONVERTERS - Application note software
;* This software is an example on how to increase the ST6 converter
;* resolution. Please refer to the application note for further
;* explanations.
;*
;* Allocation of pins: PC4, PC5 and PC6 are, respectively, voltage sources
;* VN1, VN2 and VN3. PB0 is an A/D input
;*
;***********************************************************************************
.input "6215_reg.asm" ;ST6215 standard definitions file
VN1 .equ 4
;PC4 bit select
VN2 .equ 5
;PC5 bit select
VN3 .equ 6
;PC6 bit select
drcs .def 0bfh,0ffh,0ffh
;shadow register for Data Register C
PC4
3.3K
5K
10K
10K
PC5
PC6
ST6215
PB0 (A/D Input)
2K
5K
Vin
OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com