Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN593 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN593
Description  ST62 in-circuit programming
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN593 Datasheet(HTML) 2 Page - STMicroelectronics

  AN593 Datasheet HTML 1Page - STMicroelectronics AN593 Datasheet HTML 2Page - STMicroelectronics AN593 Datasheet HTML 3Page - STMicroelectronics AN593 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
ST62 in-circuit programming
Application design guidelines
Some care has to be taken in the application de-
sign in order to be compatible with the in-circuit
programming capability.
1) The OSCin pin is used to synchronize the pro-
gramming operations with a clock sent by the pro-
gramming tool through the 16 wire cable. This
node must be directly tied to the relevant pin of the
16 wire cable. No isolation is needed as long as a
quartz crystal or a ceramic resonator is used in the
application. If an external clock generator is used
in the application, it has to be disconnected during
the in-circuit programming operation.
2) The RESET pin is used by the programming
tool to control the programming mode entry. Then
a direct connection to the device, and a correct
isolation from other signals of the application is
mandatory to prevent any voltage contention. It
means that a direct connection to VDD, GND or
any other signal has to be avoided. On the contra-
ry, these pins can be connected to another CMOS
input, a 2 Kohms pull-up or left open (Internal pull-
up). The capacitive load on the RESET pin should
not exceed 1F.
3) The pin 1 and 7 of the 16 wire cable are used to
establish the communication between the pro-
gramming tool and the device. Then a direct con-
nection to the device, and a correct isolation from
other nodes of the application is mandatory to pre-
vent any voltage contention. It means that any di-
rect connection to VDD, GND or an output has to
be avoided. On the contrary, these pins can be
connected to a CMOS input, a 2 Kohms pull-up, a
10Kohms pull-down or left open (Internal pull-up).
If the pin 3 of the 16 pin connector is tied to the
ST62 MCU, the same concerns apply. 4) Some
I/O pins are not connected to the 16 wire cable
and must be set at high level during the program-
ming operation. This is normally achieved by the
RESET signal sent by the programming tool
through the 16 wire cable, setting the I/O lines as
input with an internal 300 Kohms pull-up. In order
to keep at high level these I/O lines, a direct con-
nection of these pins to GND or to any other signal
at low (even temporarily) voltage level has to be
avoided. Only connections to another CMOS in-
put, an external pull-up or a 10 MOhms pull down
is allowed.
The following table summarizes the signal to be
kept at high voltage level.
*: If not directly biased through the pin 3 of the 16
pin connector.
5) The pin Vpp/TM can not be directly tied to GND
on the application in order to do not conflict with
the biasing issued by the programming tool
through the pin 13 of the connector. Instead it
should be pulled down by a resistor with a mini-
mum value of 10 Kohms. It is also mandatory to
add a 100nF ceramic capacitor between Vpp/TM
and Vss.
ST621X/2X
ST624X
ST626X
ST628X
PB3
PB0
PB6
PB3
PB5 *
PA5 *
PB0 *
PC5*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com