Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN593 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN593
Description  ST62 in-circuit programming
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN593 Datasheet(HTML) 1 Page - STMicroelectronics

  AN593 Datasheet HTML 1Page - STMicroelectronics AN593 Datasheet HTML 2Page - STMicroelectronics AN593 Datasheet HTML 3Page - STMicroelectronics AN593 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
June 2008
Rev 2
1/4
AN593
APPLICATION NOTE
ST62 in-circuit programming
In-circuit programming feature
The in-circuit programming process allows pro-
gramming or reading of the non volatile memory of
an ST62 device already fixed on the application
board. This feature applies both to the EPROM
memory containing the user ROM (Executable
code and constants) and to the EEPROM content
(Non volatile data). The capability to program
memory locations initially unprogrammed and ac-
cess the user ROM content allows a wide range of
applications enhancement: Storage of informa-
tions after a maintenance operation on field, fol-
low-up of the software revision on field, update of
non volatile data space, In addition, this in-circuit
programming process limits the handling on com-
plex packages like PQFP since the handling cy-
cles for the programming is suppressed and only
the handling for the soldering on PCB is needed.
This note provides information on the steps re-
quired in order to perform in-circuit programming
of ST62Exxx EPROM or OTP devices for both on-
chip EPROM and EEPROM.
In-circuit programming procedure
During the in-circuit programming progress, the
application board is used as remote socket for the
programming tool and the programming process
and software remains unchanged. The connection
of the application board to/from the programming
tool is made through a 16 pin cable plugged into a
16 pin connector (8x2 header HE10). That 16 pin
connector has to be provided by the designer on
the application board.
The connections between the 16 pins connector
and the ST62 are summarized below:
Note: The connection to the pin3 of the connector
is not necessary if a high voltage level is guaran-
teed by the application design (See Application
design guidelines)
The VDD connection is optional depending wheth-
er or not the application supply can be disconnect-
ed. If the application supply is disconnected, it is
possible to supply the application board through
the pins 14 and 16 of the connector as long as the
total load current does not exceed 100mA and the
capacitive load is lower than 50F. In the opposite,
if the application board keeps its own supply, the
supply value must be set at 5V in order to be com-
patible with the signal levels to/from the program-
ming tool.
Figure 1. 16-pin PCB Socket Connection
ST621x/2x
ST624x
ST626x/9x
PA6
PA5
OSCin
PA7
RESET
RESET
PB7
OSCin
PB5
PB6
Not used
RESET
PB2
OSCin
PB0
PB3
Connect to:
1
3
5
7
9
11
13
NC
14
12
10
8
6
4
2
16
HE10
TOP VIEW
Connect to ALL
VR01856
NC
NC
NC
15
Serial in
Serial out
V
SS of
Application Board
V
DD Optional
V
PP / TM
V
PP / TM
V
PP / TM
PC6
PC5
PC7
RESET
ST628x
OSCin
Not used
Not used
Not used
V
PP / TM


Similar Part No. - AN593

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN590 STMICROELECTRONICS-AN590 Datasheet
122Kb / 7P
PWM GENERATION WITH ST62 AUTO-RELOAD TIMER
AN591 STMICROELECTRONICS-AN591 Datasheet
58Kb / 5P
Input capture with ST62 auto-reload timer
04-Jul-2008
AN592 STMICROELECTRONICS-AN592 Datasheet
65Kb / 5P
PLL generation using ST62 auto-reload timer
30-Jun-2008
AN594 STMICROELECTRONICS-AN594 Datasheet
864Kb / 28P
This note describes a technique for driving
03-Oct-2008
logo
Dynex Semiconductor
AN5948 DYNEX-AN5948 Datasheet
833Kb / 11P
Reliability of High Power
More results

Similar Description - AN593

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62EXX-EPB STMICROELECTRONICS-ST62EXX-EPB Datasheet
256Kb / 3P
EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY
Oct-2000
logo
ATMEL Corporation
ATDH2225 ATMEL-ATDH2225 Datasheet
101Kb / 7P
In-System Programming Cable
logo
STMicroelectronics
ST7C254-INDART STMICROELECTRONICS-ST7C254-INDART Datasheet
77Kb / 2P
In-Circuit Debugging and In-Circuit Programming Tool for ST7
Feb-2005
INDART STMICROELECTRONICS-INDART_11 Datasheet
312Kb / 3P
In-circuit debugging and in-circuit programming tool for ST7
30-May-2011
ST72C254G2M6 STMICROELECTRONICS-ST72C254G2M6 Datasheet
312Kb / 3P
In-circuit debugging and in-circuit programming tool for ST7
30-May-2011
AN1576 STMICROELECTRONICS-AN1576 Datasheet
74Kb / 15P
The In-Application Programming
AN2675 STMICROELECTRONICS-AN2675 Datasheet
257Kb / 24P
STR91xFA in-application programming
04-Feb-2008
AN4045 STMICROELECTRONICS-AN4045 Datasheet
391Kb / 16P
STM32F3 series in-application programming
28-Jan-2015
ST92F124XX STMICROELECTRONICS-ST92F124XX Datasheet
4Mb / 523P
In-Application Programming
12-Jul-2012
logo
Zilog, Inc.
Z8F083A0128ZCOG ZILOG-Z8F083A0128ZCOG Datasheet
227Kb / 14P
Up to 8 KB Flash memory with in-circuit programming capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com