Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN673 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN673
Description  Reducing current consumption at 32 kHz with ST62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN673 Datasheet(HTML) 1 Page - STMicroelectronics

  AN673 Datasheet HTML 1Page - STMicroelectronics AN673 Datasheet HTML 2Page - STMicroelectronics AN673 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reducing current consumption at 32 kHz with ST62
INTRODUCTION
In many cases a 32kHz crystal is chosen for the oscillator of the ST62 microcontroller in order
to achieve the minimum current consumption in the application.
This note provides a technique for minimising the current consumption when using a crystal
oscillator at this frequency.
The note should be read in conjunction with Application Note AN670 - Oscillator Selection for
the ST62.
1 CIRCUIT MODIFICATION
A standard oscillator circuit is shown in Figure 1. This circuit is suitable for higher frequency
oscillations up to the maximum oscillation frequency of the ST62.
The current consumption of the oscillator of the ST62 can be reduced effectively when a
resistor is added in the circuit as shown in Figure 2.
.
t
i
u
c
r
i
C
d
e
i
f
i
d
o
M
.
2
e
r
u
g
i
F
.
t
i
u
c
r
i
C
d
r
a
d
n
a
t
S
.
1
e
r
u
g
i
F
Cout
Cin
Vin
Vout
ST62
OSCin
C2
C1
Q
R
OSCout
The Resistor (R) limits the power dissipation through the crystal, resulting in a lower load for
the inverter circuit and a minimum power consumption.
Note that the resistor adds a phase shift to the Capacitor and oscillator network. This shift must
not be excessive such that it affects the loop functionality.
August 2008
Rev 2
1/3
AN673
Application note


Similar Part No. - AN673

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN673 SILABS-AN673 Datasheet
47Kb / 4P
PRECISION32??SOFTWARE DEVELOPMENT KIT
More results

Similar Description - AN673

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2040 CYPRESS-CY2040 Datasheet
67Kb / 7P
32 kHz and 24 MHz Clock Generator with Precision 32 kHz Input
logo
STMicroelectronics
AN1818 STMICROELECTRONICS-AN1818 Datasheet
70Kb / 6P
Reducing the Total No-Load Power Consumption
logo
MICORO CRYSTAL SWITZERL...
MCSO1ELS MICROCRYSTAL-MCSO1ELS Datasheet
366Kb / 2P
low consumption 32.768 kHz
MCSO2EU MICROCRYSTAL-MCSO2EU Datasheet
348Kb / 2P
Ultra low consumption 32.768 kHz
MCSO1ELS MICROCRYSTAL-MCSO1ELS_17 Datasheet
413Kb / 2P
low consumption 32.768 kHz
logo
Mallory Sonalert Produc...
PT-2130FWQ MSPI-PT-2130FWQ Datasheet
90Kb / 1P
Current Consumption Max. (mA) 12 at Rated Voltage
PT-2735FPLQ MSPI-PT-2735FPLQ Datasheet
94Kb / 1P
Current Consumption (mA/max) 10 at Rated Voltage
PT-2735FPQ MSPI-PT-2735FPQ Datasheet
89Kb / 1P
Current Consumption Max. (mA) 10 at Rated Voltage
PT-2742FWQ MSPI-PT-2742FWQ Datasheet
91Kb / 1P
Current Consumption Max. (mA) 8.0 at Rated Voltage
logo
NXP Semiconductors
PCA16XX NXP-PCA16XX Datasheet
81Kb / 16P
32 kHz watch circuits with EEPROM
1997 Dec 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com