Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN673 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN673
Description  Reducing current consumption at 32 kHz with ST62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN673 Datasheet(HTML) 2 Page - STMicroelectronics

  AN673 Datasheet HTML 1Page - STMicroelectronics AN673 Datasheet HTML 2Page - STMicroelectronics AN673 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Recommended values are:
R = 330K
C1 = 33 pF
C2 = 33 pF
Q = 32.8kHz crystal
2 RESULTS
The current consumption in WAIT mode measures the oscillator consumption as long as there
is no additional consumption in the I/O pins with their associated external circuits.
The following table indicates the typical potential current saving in the WAIT mode of the
ST62E2x microcontroller at a temperature of 25 C.
Typical current saving (32kHz crystal)
Standard oscillator
Modified oscillator
5V
A
µ
0
5
4
A
µ
0
0
9
3V
A
µ
5
3
A
µ
0
5
The oscillator start-up time is also increased and ranges from 300 to 500 ms. This is due to the
R, C1 time constant and the normal start-up time of the 32kHz crystal (typically around 250ms).
The use of this additional resistor is made possible by the high gain of the inverter in the ST62
oscillator circuit when working at 32kHz and the characteristics of a standard 32kHz crystal.
Reducing current consumption at 32 kHz with ST62
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com