Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN863 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN863
Description  Improved sensorless control with the ST62 MCU for universal motor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN863 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN863 Datasheet HTML 5Page - STMicroelectronics AN863 Datasheet HTML 6Page - STMicroelectronics AN863 Datasheet HTML 7Page - STMicroelectronics AN863 Datasheet HTML 8Page - STMicroelectronics AN863 Datasheet HTML 9Page - STMicroelectronics AN863 Datasheet HTML 10Page - STMicroelectronics AN863 Datasheet HTML 11Page - STMicroelectronics AN863 Datasheet HTML 12Page - STMicroelectronics AN863 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/22
IMPROVED SENSORLESS CONTROL WITH THE ST62 MCU FOR UNIVERSAL MOTOR
Figure 5. A low cost 8-bit micro-controller ST6220, a rail-to-rail operational
amplifier TS912, a triac and a small value sense resistor make the
heart of this sensorless speed regulated drive
The triac is controlled by pins PA0/PA1/PA2 of the micro. They are in parallel in order
to get enough current to trigger the triac. The 100 ohm resistor R11 limits the current
in the triac gate.
Two push-buttons are provided on pins PB5 and PB6 of the micro for the user inter-
face. Pushing one speeds up the motor, pushing the other slows it down. Alterna-
tively, it is possible to replace this push-button interface by a potentiometer R8, which
could be measured by the internal ADC. Both are shown on Figure 5, buttons and po-
tentiometer, but the attached software only implements the push-buttons.
Finally, Figure 5 shows an output of the micro-controller labeled RS232 (together with
the VDD supply). In the attached software, some routines are provided to help in the
application development and motor characterization. They allow to connect the motor
control board to the serial port COM1 of a personal computer. While the motor is run-
ning, the personal computer displays in a graphical form motor data such as meas-
ured current and firing delay, allowing easy interpretation and measurement. Of
course, it is necessary to use opto-isolated components to connect the computer to
the motor drive. This connection to a personal computer is described in annex 3.
BTB 08 600 CW
470 uF
10v
5.6V
8 MHz
2x33pF
VDD
TIMER
OSCIN
OSCOUT
NMI
TEST
NRESET
PB7
PB6
PB5
VSS
PA0
PA1
PA2
PA3
PB0
PB1
PB2
PB3
PB4
ST6220
HWD
VDD
RS232
390
0.5W
0.1uF
220 V
zero cross.
0.22u
1 k
22 k
750
TS912AI
6
5
8
4
7
2.7 k
68 n
1N4148
470 nF
400V
MOTOR
0.22 / 3 W
1nF
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
C1
C2
C3
C4
C5
C6
100
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com