Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN863 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN863
Description  Improved sensorless control with the ST62 MCU for universal motor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN863 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN863 Datasheet HTML 10Page - STMicroelectronics AN863 Datasheet HTML 11Page - STMicroelectronics AN863 Datasheet HTML 12Page - STMicroelectronics AN863 Datasheet HTML 13Page - STMicroelectronics AN863 Datasheet HTML 14Page - STMicroelectronics AN863 Datasheet HTML 15Page - STMicroelectronics AN863 Datasheet HTML 16Page - STMicroelectronics AN863 Datasheet HTML 17Page - STMicroelectronics AN863 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14/22
IMPROVED SENSORLESS CONTROL WITH THE ST62 MCU FOR UNIVERSAL MOTOR
Figures 7, 8, 9. Speed regulation performance (with and without regulation) for
set speeds of 1700, 950 and 400 rpm on a 500W drill. Speeds
are measured after reduction, on the tool shaft
01
2
3
4
0
500
1 000
1 500
2 000
speed (rpm)
rms motor current (A)
without
regulation
with regulation
01
2
3
456
0
100
200
300
400
500
600
700
speed (rpm)
rms motor current (A)
without
regulation
with
regulation
0
12345
0
200
400
600
800
1 000
1 200
speed (rpm)
rms motor current (A)
without
regulation
with regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com