Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN977 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN977
Description  GUIDELINES FOR UPGRADING FROM THE ST92F120
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN977 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN977 Datasheet HTML 7Page - STMicroelectronics AN977 Datasheet HTML 8Page - STMicroelectronics AN977 Datasheet HTML 9Page - STMicroelectronics AN977 Datasheet HTML 10Page - STMicroelectronics AN977 Datasheet HTML 11Page - STMicroelectronics AN977 Datasheet HTML 12Page - STMicroelectronics AN977 Datasheet HTML 13Page - STMicroelectronics AN977 Datasheet HTML 14Page - STMicroelectronics AN977 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
GUIDELINES FOR UPGRADING FROM THE ST92F120 (0.50 µm) TO THE ST92F124...
2.4.1.2 Leakages
While the ST92F120 is sensitive to leakage from GND to OSCIN, the ST92F124/F1 50/F250
is sensitive to leakage from VDD to OSCIN. It is recommended to surround the crystal oscil-
lator by a ground ring on the printed circuit board and to apply a coating film to avoid humidity
problems, if necessary.
2.4.1.3 External clock
Even if compatibility with the ST92F120 board design is maintained, it is recommended to
apply the external clock on the OSCOUT input.
The advantages are:
– a standard TTL input signal can be used whereas the ST92F120 Vil on the external clock is
between 400mV and 500mV.
– the external resistor between OSCOUT and VDD is not required.
Figure 3. ST92F120 Crystal Oscillator
Figure 4. ST92F150 Crystal Oscillator
OSCIN
OSCOUT
C1
C2
ST9
CRYSTAL CLOCK
VR02116A
1 M
Ω *
*Recommended for oscillator stability
OSCIN
OSCOUT
C1
C2
ST9
CRYSTAL CLOCK
*Rd can be inserted to reduce the drive level,
Rd*
when using low drive crystals.
Figure 5. ST92F120 External Clock
Figure 6. ST92F150 External Clock
OSCIN
OSCOUT
CLOCK
INPUT
EXTERNAL CLOCK
VR02116B
ST9
3.3 k
Ω
OSCOUT
OSCIN
CLOCK
INPUT
EXTERNAL CLOCK
VR02116B
ST9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com