Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN977 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN977
Description  GUIDELINES FOR UPGRADING FROM THE ST92F120
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN977 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN977 Datasheet HTML 9Page - STMicroelectronics AN977 Datasheet HTML 10Page - STMicroelectronics AN977 Datasheet HTML 11Page - STMicroelectronics AN977 Datasheet HTML 12Page - STMicroelectronics AN977 Datasheet HTML 13Page - STMicroelectronics AN977 Datasheet HTML 14Page - STMicroelectronics AN977 Datasheet HTML 15Page - STMicroelectronics AN977 Datasheet HTML 16Page - STMicroelectronics AN977 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16/17
GUIDELINES FOR UPGRADING FROM THE ST92F120 (0.50 µm) TO THE ST92F124...
3.3 HOW TO UPGRADE/RECONFIGURE YOUR ST9 HDS2V2 EMULATOR
The procedure tells you how to upgrade/reconfigure your ST9 HDS2V2 emulator. Be sure you
meet all the prerequisites before starting, otherwise you could damage your emulator by per-
forming this procedure.
1. Ensure that your ST9 HDS2V2 emulator is connected via the parallel port to your host PC
running either Windows ® 95, 98, 2000 or NT ®. If you are reconfiguring your emulator to
be used with a new probe, the new probe must be physically connected to the HDS2V2
main board using the three flex cables.
2. On the host PC, from Windows ®, select Start >Run....
3. Click the Browse button to browse to folder where you installed the ST9+ V6.1.1 Toolchain.
By default, the installation folder path is C:\ST9PlusV6.1.1\... In the installation folder,
browse to the ..\downloader\ subfolder.
4. Locate the ..\downloader\<ST9xxxx-EMU2>\ directory corresponding to the name of the
emulator you want to upgrade/configure.
For example, if you want to reconfigure your ST92F120 emulator to be used with the
ST92F150-EMU2 emulation probe, browse to the ..\downloader\<ST92F150-EMU2>\
directory.
5. Then select the directory corresponding to the version you wish to install (for example, the
V1.01 version is found in ..\downloader\<ST92F150-EMU2>\v1.01\) and select the file
<setup_st9xxxx.bat> (for example, setup_st92f150.bat).
6. Click on Open.
7. Click OK in the Run window. The update will begin. You have simply to follow the instruc-
tions displayed on your PC’s screen.
WARNING: Do not stop the emulator, or the program while the update is in progress! Your
emulator may be damaged!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com