Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN987 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN987
Description  ST7 SERIAL TEST CONTROLLER PROGRAMMING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN987 Datasheet(HTML) 3 Page - STMicroelectronics

  AN987 Datasheet HTML 1Page - STMicroelectronics AN987 Datasheet HTML 2Page - STMicroelectronics AN987 Datasheet HTML 3Page - STMicroelectronics AN987 Datasheet HTML 4Page - STMicroelectronics AN987 Datasheet HTML 5Page - STMicroelectronics AN987 Datasheet HTML 6Page - STMicroelectronics AN987 Datasheet HTML 7Page - STMicroelectronics AN987 Datasheet HTML 8Page - STMicroelectronics AN987 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
ST7 SERIAL TEST CONTROLLER PROGRAMMING
Figure 1. User Board
Now, let’s define the pins used for programming the ST7. These pins are put together in the
W1 connector implemented in all the ST programming tool boards (see Section 3 APPENDIX
1 for the pin connector assignment).
All the ST7 programming tools referred to in this note (ST7 starter kits and ST7 EPBs in the
MDT1, MDT3 and MDT4 tool families) use a programming technique called JTAG (Joint Test
Action Group).
These programming tools control 11 pins:
s
5 JTAG pins and 3 test mode pins, which are used for loading the software code into the
ST7. These pins are:
– Pin TCK: the test clock (input),
– Pin TMS: the Test Mode Select (input, weak pull-up),
– Pin TRST0: the Reset (Input, weak pull-up, active low)
– Pin TDI: the Test Data In (input, weak pull-up). This is the serial data input, sampled on
the rising edge of TCK.
– Pin TDO: the Test Data Out (tri-state output). This is the serial data output, updated on the
falling edge of TCK.
– Pins M0, M1 and M2: These 3 pins are used to force the test modes.
Depending on the device selected, these 8 pins will be associated with different pin num-
bers (see APPENDIX 1).
67
-
:Q
:
7y‚pxÃ!
7y‚pxÃ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com