Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN987 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN987
Description  ST7 SERIAL TEST CONTROLLER PROGRAMMING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN987 Datasheet(HTML) 4 Page - STMicroelectronics

  AN987 Datasheet HTML 1Page - STMicroelectronics AN987 Datasheet HTML 2Page - STMicroelectronics AN987 Datasheet HTML 3Page - STMicroelectronics AN987 Datasheet HTML 4Page - STMicroelectronics AN987 Datasheet HTML 5Page - STMicroelectronics AN987 Datasheet HTML 6Page - STMicroelectronics AN987 Datasheet HTML 7Page - STMicroelectronics AN987 Datasheet HTML 8Page - STMicroelectronics AN987 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
ST7 SERIAL TEST CONTROLLER PROGRAMMING
If these pins need to be tied to VDD or VSS, or if they are used by the user’s application, they
must be isolated from the user circuitry during programming. To do so, a jumper can be
added for each of the eight pins (see Figure 2.).
Note: Isolation resistors (47 k
Ω) can be used instead of jumpers only if these pins are used
by the application as input (without Pull-up, without pull-down, or analog input configura-
tion).
s
3 system pins, VPP/TEST, RESET and OSCIN, which must be connected as follows:
– The VPP/TEST pin must not be directly connected to GND/VSS on the application board
in order to avoid any conflict with the programming voltage. This pin should be pulled down
by a 10 k
Ω resistor (see Figure 2.).
– The RESET pin controls the entry into programming mode. This pin must be connected to
a 10 k
Ω pull-up resistor and a 1 nF capacitor connected to GND (see Figure 2.) to avoid
any direct connections to VSS. This pin can be connected to a 47 kΩ isolation resistor if an
external reset is provided by the application board.
– The OSCIN pin synchronizes the programming operation using a clock generated by the
programming tool. The OSCIN pin can be directly connected to the J1 connector. No iso-
lation is needed as long as a quartz crystal or ceramic resonator is used in the application.
If an external clock generator is used in the application, it must be disconnected during
STC programming.
Note: The OSCOUT pin does not need to be disconnected during the programming phase
as long as a crystal, a ceramic resonator or an external clock source is used to drive the
internal oscillator (user mode only).
s
The VDD and VSS power supply pins. The use of the VDD connection is optional, depending
on whether the application board supply can be disconnected or not.
If the application board supply is disconnected, the chip can be supplied through the
programming tool (as long as the total current load does not exceed 100 mA and the
capacitive load is less than 50 µF). In this case, only 1 jumper needs to be added in order to
disconnect the VPP pin from the user circuitry during the programming sequence. No jumper
is needed for VSS (see Figure 2.).
If you want to use the application board power supply, its voltage must be 5 V, so that logic
levels are compatible with those of the programming tool.
Note: In any case, the ground from the application board and the ground from the
programming tool must be connected together (see Figure 2.).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com