Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1287 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1287
Description  3V Single Chip 12-Bit Data Acquisition System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1287 Datasheet(HTML) 2 Page - Linear Technology

  LTC1287 Datasheet HTML 1Page - Linear Technology LTC1287 Datasheet HTML 2Page - Linear Technology LTC1287 Datasheet HTML 3Page - Linear Technology LTC1287 Datasheet HTML 4Page - Linear Technology LTC1287 Datasheet HTML 5Page - Linear Technology LTC1287 Datasheet HTML 6Page - Linear Technology LTC1287 Datasheet HTML 7Page - Linear Technology LTC1287 Datasheet HTML 8Page - Linear Technology LTC1287 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1287
1287fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fCLK
Clock Frequency
(Note 6)
(Note 9)
0.5
MHz
tSMPL
Analog Input Sample Time
See Operating Sequence
1.5
CLK Cycles
tCONV
Conversion Time
See Operating Sequence
12
CLK Cycles
tCYC
Total Cycle Time
See Operating Sequence (Note 6)
14 CLK+5.0
µs
Cycles
tdDO
Delay Time, CLK
↓to DOUT Data Valid
See Test Circuits
q
250
450
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
q
80
160
ns
ten
Delay Time, CLK
↓ to DOUT Enabled
See Test Circuits
q
130
250
ns
The q denotes the specifications
which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
The q denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 3)
PACKAGE/ORDER I FOR ATIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
(Notes 1 and 2)
Supply Voltage (VCC) to GND.................................. 12V
Voltage
Analog and Reference Inputs .... –0.3V to VCC + 0.3V
Digital Inputs ........................................ –0.3V to 12V
Digital Outputs .......................... –0.3V to VCC + 0.3V
Power Dissipation ............................................. 500mW
Operating Temperature Range .................... 0
°C to 70°C
Storage Temperature Range ................. –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
ORDER PART
NUMBER
LTC1287BCN8
LTC1287CCN8
LTC1287B
LTC1287C
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
AC CHARACTERISTICS
LTC1287B/LTC1287C
– 0.05V to VCC + 0.05V
TJMAX = 150°C, θJA = 100°C/W (J)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 100°C, θJA = 130°C/W (N)
LTC1287BCJ8
LTC1287CCJ8
OBSOLETE PACKAGE
Consider N8 Package for Alternate Source
J8 PACKAGE
8-LEAD CERAMIC DIP
1
2
3
45
6
7
8
TOP VIEW
VCC
CLK
DOUT
VREF
CS
+IN
–IN
GND
N8 PACKAGE
8-LEAD PLASTIC DIP
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset Error
VCC = 2.7V (Note 4)
q
±3.0
±3.0
LSB
Linearity Error (INL)
VCC = 2.7V (Notes 4 & 5)
q
±0.5
±0.5
LSB
Gain Error
VCC = 2.7V (Note 4)
q
±0.5
±1.0
LSB
Minimum Resolution for Which No
q
12
12
Bits
Missing Codes are Guaranteed
Analog and REF Input Range
(Note 7)
V
On Channel Leakage Current (Note 8)
On Channel = 3V
q
±1
±1
µA
Off Channel = 0V
On Channel = 0V
q
±1
±1
µA
Off Channel = 3V
Off Channel Leakage Current (Note 8)
On Channel = 3V
q
±1
±1
µA
Off Channel = 0V
On Channel = 0V
q
±1
±1
µA
Off Channel = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com