Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1287 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1287
Description  3V Single Chip 12-Bit Data Acquisition System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1287 Datasheet(HTML) 4 Page - Linear Technology

  LTC1287 Datasheet HTML 1Page - Linear Technology LTC1287 Datasheet HTML 2Page - Linear Technology LTC1287 Datasheet HTML 3Page - Linear Technology LTC1287 Datasheet HTML 4Page - Linear Technology LTC1287 Datasheet HTML 5Page - Linear Technology LTC1287 Datasheet HTML 6Page - Linear Technology LTC1287 Datasheet HTML 7Page - Linear Technology LTC1287 Datasheet HTML 8Page - Linear Technology LTC1287 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1287
1287fa
REFERENCE VOLTAGE (V)
0
0
0.1
0.2
0.3
0.4
0.5
0.5
1.0
1.5
2.0
LTC1287 G4
2.5
3.0
VCC = 3V
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Supply Current vs Supply Voltage
Change in Linearity vs Reference
Voltage
Change in Gain vs Temperature
DOUT Delay Time vs Temperature
Change in Offset vs Temperature
Change in Gain vs Reference
Voltage
REFERENCE VOLTAGE (V)
0
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.5
1.0
1.5
2.0
LTC1287 G5
2.5
3.0
VCC = 3V
Supply Current vs Temperature
REFERENCE VOLTAGE (V)
0
0
0.1
0.3
0.4
0.5
2.0
0.9
LTC1287 G3
0.2
1.0
3.0
0.6
0.7
0.8
0.5
1.5
2.5
VCC = 3V
VOS = 0.250mV
VOS = 0.125mV
Unadjusted Offset Voltage vs
Reference Voltage
AMBIENT TEMPERATURE (
°C)
–40
0
0.2
0.5
0
40
60
LTC1287 G6
0.1
0.4
0.3
–20
20
80
100
VCC = 3V
VREF = 2.5V
CLK = 500kHz
Change in Linearity vs
Temperature
AMBIENT TEMPERATURE (
°C)
–40
0
0.2
0.5
0
40
60
LTC1287 G7
0.1
0.4
0.3
–20
20
80
100
VCC = 3V
VREF = 2.5V
CLK = 500kHz
AMBIENT TEMPERATURE (
°C)
–40
200
250
350
20
60
LTC1287 G9
150
100
–20
0
40
80
100
50
0
300
VCC = 3V
MSB-FIRST DATA
LSB-FIRST DATA
SUPPLY VOLTAGE (V)
2.7
0.8
1.0
1.4
1.6
1.8
2.8
2.2
2.9
3.1 3.2
3.6
LTC1287 G1
1.2
2.4
2.6
2.0
2.8
3.0
3.3 3.4 3.5
CLK = 500kHz
TA = 25°C
TEMPERATURE (
°C)
–40
1.3
1.4
1.6
1.7
1.8
–10
20
35
95
LTC1287 G2
1.5
–25
5
50
65
80
1.9
CLK = 500kHz
VCC = 3V
AMBIENT TEMPERATURE (
°C)
–40
0
0.2
0.5
0
40
60
LTC1287 G8
0.1
0.4
0.3
–20
20
80
100
VCC = 3V
VREF = 2.5V
CLK = 500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com