Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1344 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1344
Description  Software-Selectable Cable Terminator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1344 Datasheet(HTML) 2 Page - Linear Technology

  LTC1344 Datasheet HTML 1Page - Linear Technology LTC1344 Datasheet HTML 2Page - Linear Technology LTC1344 Datasheet HTML 3Page - Linear Technology LTC1344 Datasheet HTML 4Page - Linear Technology LTC1344 Datasheet HTML 5Page - Linear Technology LTC1344 Datasheet HTML 6Page - Linear Technology LTC1344 Datasheet HTML 7Page - Linear Technology LTC1344 Datasheet HTML 8Page - Linear Technology LTC1344 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1344
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1344CG
LTC1344IG
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
G PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
M0
VEE
R1C
R1B
R1A
R2A
R2B
R2C
R3A
R3B
R3C
GND
M1
M2
DCE/DTE
LATCH
R6B
R6A
R5A
R5B
R4A
R4B
VCC
GND
TJMAX = 150°C, θJA = 100°C/W
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°.
VCC = 5V ±5%, VEE = –5V ±5%, TA = TMIN to TMAX (Notes 2, 3) unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
ICC
Supply Current
All Digital Pins = GND or VCC
q
200
700
µA
Terminator Pins
RV.35
Differential Mode Impedance
All Loads (Figure 1), – 2V
≤ VCM ≤ 2V (Commercial) q
90
103
110
Ω
Common Mode Impedance
All Loads (Figure 2), – 2V
≤ VCM ≤ 2V (Commercial) q
135
153
165
Ω
All Loads (Figure 1), – 2V
≤ VCM ≤ 2V (Industrial)
q
90
104
125
Ω
All Loads (Figure 2), – 2V
≤ VCM ≤ 2V (Industrial)
q
130
153
170
Ω
RV.11
Differential Mode Impedance
All Loads (Figure 1), – 7V
≤ VCM ≤ 7V (Commercial)
100
104
Ω
All Loads (Figure 1), VCM = 0V (Commercial)
q
100
104
110
Ω
All Loads (Figure 1), VCM = 0V (Industrial)
q
95
104
125
Ω
ILEAK
High Impedance Leakage Current
All Loads, – 7V
≤ VCM ≤ 7V (Commercial)
q
±1
±50
µA
Logic Inputs
VIH
Input High Voltage
All Logic Input Pins
q
2V
VIL
Input Low Voltage
All Logic Input Pins
q
0.8
V
IIN
Input Current
All Logic Input Pins
q
±10
µA
Note 3: All typicals are given at VCC = 5V, VEE = – 5V, TA = 25°C.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are reference to ground unless otherwise
specified.
(Note 1)
Positive Supply Voltage (VCC)................................... 7V
Negative Supply Voltage (VEE) ........................... – 13.2V
Input Voltage (Logic Inputs) .... VEE – 0.3V to VCC + 0.3V
Input Voltage (Load Inputs) ..................................
±18V
Operating Temperature Range
LTC1344C ............................................... 0
°C to 70°C
LTC1344I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com