Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1344 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1344
Description  Software-Selectable Cable Terminator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1344 Datasheet(HTML) 4 Page - Linear Technology

  LTC1344 Datasheet HTML 1Page - Linear Technology LTC1344 Datasheet HTML 2Page - Linear Technology LTC1344 Datasheet HTML 3Page - Linear Technology LTC1344 Datasheet HTML 4Page - Linear Technology LTC1344 Datasheet HTML 5Page - Linear Technology LTC1344 Datasheet HTML 6Page - Linear Technology LTC1344 Datasheet HTML 7Page - Linear Technology LTC1344 Datasheet HTML 8Page - Linear Technology LTC1344 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1344
TEST CIRCUITS
PIN FUNCTIONS
M0 (Pin 1): TTL Level Mode Select Input. The data on M0
is latched when LATCH is high.
VEE (Pin 2): Negative Supply Voltage Input. Can connect
directly to the LTC1343 VEE pin.
R1C (Pin 3): Load 1 Center Tap.
R1B (Pin 4): Load 1 Node B.
R1A (Pin 5): Load 1 Node A.
R2A (Pin 6): Load 2 Node A.
R2B (Pin 7): Load 2 Node B.
R2C (Pin 8): Load 2 Center Tap.
R3A (Pin 9): Load 3 Node A.
R2B (Pin 10): Load 2 Node B.
R3C (Pin 11): Load 3 Center Tap.
GND (Pin 12): Ground Connection for Load 1 to Load 3.
GND (Pin 13): Ground Connection for Load 4 to Load 6.
VCC (Pin 14): Positive Supply Input. 4.75V ≤ VCC ≤ 5.25V.
R4B (Pin 15): Load 4 Node B.
R4A (Pin 16): Load 4 Node A.
R5B (Pin 17): Load 5 Node B.
R5A (Pin 18): Load 5 Node A.
R6A (Pin 19): Load 6 Node A.
R6B (Pin 20): Load 6 Node B.
LATCH (Pin 21): TTL Level Logic Signal Latch Input. When
it is low the input buffers on M0, M1, M2 and DCE/DTE are
transparent. When it is high the logic pins are latched into
their respective input buffers. The data latch allows the
select lines to be shared between multiple I/O ports.
DCE/DTE (Pin 22): TTL Level Mode Select Input. The DCE
mode is selected when it is high and DTE mode when low.
The data on DCE/DTE is latched when LATCH is high.
M2 (Pin 23): TTL Level Mode Select Input 1. The data on
M2 is latched when LATCH is high.
M1 (Pin 24): TTL Level Mode Select Input 2. The data on
M1 is latched when LATCH is high.
R1
51.5
Ω
R2
51.5
Ω
±7V OR ±2V
1344 F01
R3
124
Ω
S2
OFF
S1
ON
C
V
Ω
A
B
R1
51.5
Ω
R2
51.5
Ω
±2V
1344 F02
R3
124
Ω
S2
ON
S1
ON
C
V
Ω
A, B
Figure 1. Differential V.11 or V.35 Impedance Measurement
Figure 2. V.35 Common Mode Impedance Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com