Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSINT3636VR Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # APSINT3636VR
Description  PowerVerter APS INT 3600W 36VDC 230V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSINT3636VR Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  APSINT3636VR Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSINT3636VR Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSINT3636VR Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSINT3636VR Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BATTERY
Expandable Battery Runtime
Runtime is expandable with any number of user supplied wet or gel type batteries
DC System Voltage (VDC)
36
Battery Pack Accessory (Optional)
98-121 sealed lead acid battery (optional)
Battery Charge
30-amp high/7.5-amp low
Expandable Runtime
Yes
VOLTAGE REGULATION
Voltage Regulation Description
Includes automatic voltage regulation to correct brownouts and over-voltages back to usable levels
Overvoltage Correction
Over-voltages are automatically reduced by 10%
Brownout Correction
Brownouts are automatically boosted by 10%
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
Set of 6 LEDs offer continuous status information on load percentage (6 levels reported) and battery charge level (7
levels reported). See manual for sequences.
Switches
3 position on/off/remote switch enables simple on/off power control plus "auto/remote" setting that enables distant
on/off control of the inverter system when used in conjunction with optional APSRM4 accessory when used in
inverter mode. In AC uninterruptible power mode, "auto/remote" setting enables automatic transfer from line power
to battery power - to maintain continuous AC power to connected loads.
PHYSICAL
Shipping Dimensions (hwd / in.)
13.25 x 15 x 21.13
Shipping Dimensions (hwd / cm)
33.66 x 38.1 x 53.67
Shipping Weight (lbs.)
63
Shipping Weight (kg)
28.6
Unit Dimensions (hwd / in.)
7 x 8.5 x 14
Unit Dimensions (hwd / cm)
17.78 x 21.59 x 35.56
Unit Weight (lbs.)
58
Unit Weight (kg)
26.3
Cooling Method
Multi-speed fan
Material of Construction
Polycarbonate
Form Factors Supported
Mounting slots enable permanent placement of inverter on any horizontal surface (see manual for additional
mounting information)
ENVIRONMENTAL
Relative Humidity
0-95% non-condensing
LINE / BATTERY TRANSFER
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com