Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSINT3636VR Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # APSINT3636VR
Description  PowerVerter APS INT 3600W 36VDC 230V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSINT3636VR Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  APSINT3636VR Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSINT3636VR Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSINT3636VR Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSINT3636VR Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PowerVerter APS INT 3600W 36VDC 230V
Inverter/Charger with Auto Transfer Switching,
Hardwired, AVR
MODEL NUMBER: APSINT3636VR
Description
Tripp Lite's APSINT3636VR DC-to-AC inverter with automatic line-to-battery transfer and integrated charging
system serves as an extended run UPS, a standalone power source or an automotive inverter. Supplies up to
3600 watts of continuous 230V AC power from any 36V battery or automotive DC source. When hardwire AC
input is energized, commercial power passes through to connected equipment and the battery set is recharged
via 3-stage, selectable wet/dry cell battery charger (30-amp high/7.5-amp low). In UPS mode, the APS system
responds to blackouts and severe voltage fluctuations with a near instantaneous automatic transfer to
battery-derived AC output. Includes a set of high current DC input terminals for simple installation (user supplies
batteries and cabling - see owner's manual for recommendations). Passes sine wave utility or generator power
during battery charging and UPS line power operation, plus efficient PWM sine wave AC output in inverter and
UPS backup modes. Built-in Automatic Voltage Regulation (AVR) corrects line power AC brownouts and
overvoltages without using battery power during battery charging and UPS standby modes. Reliable large
transformer design, with frequency control powers resistive electronic loads or large inductive motors,
compressors and other items with high current needs on startup. Included APSRM4 wired remote power switch
with full status LEDs provides remote power inverter on/off switching and continuous status information
(APSRM4 included). Supports an unlimited amount of runtime with any number of user-supplied batteries
connected. Highly adaptable to a variety of applications and site conditions with adjustable charger settings for
wet/gel battery types and selectable line to battery power transfer voltages.
Features
Supports 230V AC output from a 230V AC line power source or 12V DC battery source
20 millisecond automatic transfer between line and battery power supports UPS protection during blackouts
and voltage fluctuations for equipment compatible with a one cycle transfer time
Double Boost inverter output supports momentary startup loads up to 200% of the continuous rating for up to
10 seconds (see specification chart)
Highlights
36V DC or 230V AC input; 230V,
50 Hz output (hardwired)
3600 watts continuous, 5400
watts OverPower and 7200 watts
DoubleBoost inverter output (see
specifications)
3-stage, selectable wet/dry cell
battery charger (30-amp
high/7.5-amp low)
Auto Transfer Switching option
for battery backup / UPS
operation - includes wired
APSRM4 remote control switch
Automatic Voltage Regulation
corrects brownouts and
overvoltages without using
battery power
Applications
Versatile inverter/charger system
with auto-transfer switching
serves as an automotive inverter
for RVs, over-the-road trucking,
conversion vans and fleet service
vehicles; a standalone alternative
power source for off-grid,
alternative energy or export
applications and as an
uninterruptible power supply
(UPS) for items compatible with a
20 millisecond transfer time.
NOTE: For sump pump
applications, Tripp Lite
recommends its "UT" Utility Truck
Inverter/Chargers.
Package Includes
APSINT3636VR Inverter/Charger
Instruction manual with warranty
information
Wired Remote Switch with full
LED status indicators (model
APSRM4)
1 / 4


Similar Part No. - APSINT3636VR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSINT2012 ETC2-APSINT2012 Datasheet
504Kb / 4P
PowerVerter짰 APS INT Series 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
logo
Tripp Lite. All Rights ...
APSINT2012 TRIPPLITE-APSINT2012 Datasheet
170Kb / 5P
2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
APSINT2424 TRIPPLITE-APSINT2424 Datasheet
505Kb / 4P
PowerVerter APS INT 2400W 24VDC 230V
More results

Similar Description - APSINT3636VR

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
APSINT2424 TRIPPLITE-APSINT2424 Datasheet
505Kb / 4P
PowerVerter APS INT 2400W 24VDC 230V
APSX750 TRIPPLITE-APSX750 Datasheet
515Kb / 4P
PowerVerter APS X 750W 12VDC 230V
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
PowerVerter APS INT 2000W 12VDC 230V
APSX3024SW TRIPPLITE-APSX3024SW Datasheet
520Kb / 4P
PowerVerter APS X 3000W 24VDC 230V
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
PowerVerter APS X Series 4000W Inverter/Charger
APSX6048VRNET TRIPPLITE-APSX6048VRNET Datasheet
559Kb / 4P
PowerVerter APS X 6000W 48VDC 208/230V
APSINT2012 TRIPPLITE-APSINT2012 Datasheet
170Kb / 5P
2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
APS3636VR TRIPPLITE-APS3636VR Datasheet
187Kb / 5P
3600W PowerVerter APS 36VDC 120V Inverter/Charger with Auto-Transfer Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com