Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSX1012SW Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # APSX1012SW
Description  PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX1012SW Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  APSX1012SW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX1012SW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX1012SW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PowerVerter APS INT 1000W 12VDC 230V
Inverter/Charger with Pure Sine Wave Output,
Hardwired
MODEL NUMBER: APSX1012SW
Description
Provide clean, reliable pure sine wave power for all your alternative energy needs with the Tripp Lite
APSX1012SW. This inverter/charger supplies 1000 watts of continuous 230V AC power. Reliable large
transformer design and frequency control powers resistive loads like refrigerators, motors, pumps, compressors
and laser printers as well as electronic loads like TV’s, computers, power tool and battery chargers. The 3-stage
charging system will properly charge and maintain your vehicle's battery or separate battery bank. The charge
rate is selectable so you can use a variety of battery sizes , as well as multiple batteries to fit your run time requirements.
Features
Pure sine wave output
Continuous output inverter and high power battery charger
Quiet, high efficiency operation, high surge capacity and low idle current
Supply energy to various loads such as resistive load
Seamless transfer switching
Load sensing adjustable
Unlimited back up time with user supplied batteries
Specifications
OUTPUT
Frequency Compatibility
50 Hz
Output Receptacles
Hardwire
Output (Watts)
1000
Highlights
Clean Pure Sine Wave output
12V DC or 230V AC input; 230V,
50 Hz output (hardwired)
1000 watts continuous output,
2000 watts peak output
Selectable 4/40 amp wet/dry cell
battery charger
Quiet, high efficiency operation,
high surge capacity and low idle
current
Seamless transfer switching
Applications
Multipurpose inverter/charger with
seamless transfer switching. Uses
include conversion vans, fleet service
vehicles a stand alone power source
for off grid alternative energy with
transfer times of 8-12 milliseconds.
Package Includes
APSX1012SW inverter/charger
Instruction manual with warranty
information
1 / 3


Similar Part No. - APSX1012SW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
More results

Similar Description - APSX1012SW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
APSINT2424 TRIPPLITE-APSINT2424 Datasheet
505Kb / 4P
PowerVerter APS INT 2400W 24VDC 230V
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
PowerVerter APS INT 3600W 36VDC 230V
APSX750 TRIPPLITE-APSX750 Datasheet
515Kb / 4P
PowerVerter APS X 750W 12VDC 230V
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
PowerVerter APS INT 2000W 12VDC 230V
APSINT2012 TRIPPLITE-APSINT2012 Datasheet
170Kb / 5P
2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
logo
COTEK ELECTRONIC IND. C...
SC-1200 COTEK-SC-1200 Datasheet
1Mb / 7P
1200W Pure Sine Wave Inverter / Charger
21/09/01
SC-2000 COTEK-SC-2000 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SP-1000 COTEK-SP-1000 Datasheet
121Kb / 2P
1000W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
1000W Pure Sine Wave Inverter
20/10/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com