Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSX1012SW Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # APSX1012SW
Description  PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX1012SW Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  APSX1012SW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX1012SW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX1012SW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continuous Output Capacity (Watts)
1000
Peak Output Capacity (Watts)
2000
Output Nominal Voltage
230V
Output Voltage Regulation
Nominal 230v +/- 5% until LBW. Peak coltage 360v
Output Frequency Regulation
50/60 Hz (+/- 0.5 Hz)
Overload Protection
Includes 15A input breaker dedicated to the charging system and 15A output breaker for AC output loads
Pure Sine Wave Output
Yes
INPUT
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
DC INPUT: Requires 12VDC input source capable of delivering 240A for the required duration (when used at full
continuous capacity - DC requirements increase during OverPower and DoubleBoost operation). For automotive
applications, professional hardwire installation with 400A minimum battery system fusing is recommended.
Maximum Input Amps / Watts
DC INPUT: Full continuous load - 240A at 12VDC. AC INPUT: 17 amps at 230VAC with full inverter and charger
load (8.7A max charger-only / combined input load to support charger and AC output is automatically controllable to
66%-33%-0% based on AC output loading using the charger limiting set points - see manual for setting instructions)
Input Connection Type
DC INPUT: Set of 2 DC bolt-down terminals. AC INPUT: Hardwire via built in junction box with cover plate
Voltage Compatibility (VAC)
230
Voltage Compatibility (VDC)
12
BATTERY
Expandable Battery Runtime
Runtime is expandable with any number of user supplied wet or gel type batteries
DC System Voltage (VDC)
12
Battery Charge
Includes 4/40 amp DC charging system adjustable.
Expandable Runtime
Yes
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
Set of front panel LED's display inverter status, charger status, as well as battery voltage status
Switches
The inverter provides a RJ-45 port for optional APSRMSW remote control. RJ45 port operates with standard RJ485
interface (APSRMSW sold separately)
Audible Alarm
Audible status indicators 10.5V (low battery)/21V start alarm
PHYSICAL
Unit Dimensions (hwd / in.)
7.25 x 8.75 x 18
Unit Dimensions (hwd / cm)
18.41 x 22.22 x 45.72
Unit Weight (lbs.)
35.5
Unit Weight (kg)
16
Cooling Method
Fan
Material of Construction
Powder coated Steel
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com