Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1228 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1228
Description  How to relate LMOS device parameters to RF performance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1228 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1228 Datasheet HTML 1Page - STMicroelectronics AN1228 Datasheet HTML 2Page - STMicroelectronics AN1228 Datasheet HTML 3Page - STMicroelectronics AN1228 Datasheet HTML 4Page - STMicroelectronics AN1228 Datasheet HTML 5Page - STMicroelectronics AN1228 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AN1228
Breakdown voltage
3/6
The saturated gate-source current (IGSS) is the leakage current generated when the gate is
biased at a specified voltage while maintaining all other terminals at ground. IGSS leakage
is due to many factors that are related to the integrity of gate oxide and surrounding regions.
Ideally this value would be zero for voltage levels that are less than the voltage required to
reach the dielectric strength of the gate oxide. However, in practice this condition is not
achieved due to the omnipresence of impurities that exist in all wafer fabs and the vagaries
of the oxide growth with the temperature profiles used. IGSS can be used to evaluate the
reliability of this integral component of the MOSFET. An increase of this parameter with a
particular device stress can be used to extrapolate the mean time failure (MTTF) of the gate
oxide. Overstressing the gate either periodically with RF or statically with DC can also cause
an increase in this parameter and thus degrades device performance with respect to RF
power gain. Other considerations for the gate oxide include careful electrostatic-discharge
(ESD) precautions since the gate oxide is easily damaged.
IDSS is the current produced when the drain is biased at a specific voltage while maintaining
source and gate contacts at ground. IDSS has many component contributions. Normal pn
junction leakage is not a reliability problem as long as it is maintained at a specified value
and does not continue to increase indefinitely. Other sources of IDSS include minority carrier
injection from the source due to carriers overcoming the energy barrier resulting from
surface band bending and also from subcritical avalanching caused by high electric fields
due to a non-ideal body as well as the Laterally-Diffused-Drain (LDD) doping profile.
The reverse transfer capacitance Cgd is the feedback capacitance from the device drain to
the gate that limits MOS device high-frequency gain. This capacitance is a function of many
factors including the gate area, the gate-drain metallurgical overlap as well as the dynamics
of the drain-source depletion spread as a function of drain bias. The three regions of the
capacitance-voltage (CV) characteristics in Figure 2 are indicative of device formation.
Figure 2.
Reverse transfer capacitance vs. supply voltage
For LDMOS devices the zero-volt capacitance is mainly due to the gate-oxide capacitance
(Cox). The initial decrease in Cgd as bias is applied due to the formation of a depletion
capacitance, dictated by the doping profile that is in series with Cox. It is important that the
slope of this initial decrease is large and approaches its final value at some voltage near the
saturated drain-source voltage (VDS(sat)) due to linearity considerations. The gate-source
capacitance (Cgs) is the capacitance formed between the gate and the ground plane. The
LDMOS source, body, epitaxial layer and substrate form the referenced ground plane. The
charge formed by application of a voltage to the gate is dependent on the area of the gate,



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com