Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1228 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1228
Description  How to relate LMOS device parameters to RF performance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1228 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1228 Datasheet HTML 1Page - STMicroelectronics AN1228 Datasheet HTML 2Page - STMicroelectronics AN1228 Datasheet HTML 3Page - STMicroelectronics AN1228 Datasheet HTML 4Page - STMicroelectronics AN1228 Datasheet HTML 5Page - STMicroelectronics AN1228 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Defining ruggedness
AN1228
4/6
the doping of the body and the metallurgical gate-source overlap. This capacitance is critical
since it is the largest component of the input capacitance and constrains device switching
speed which is comparable to limiting the maximum frequency of operation. Cds is the
capacitance formed between the drain and ground plane where the referenced ground
plane is formed by the LDMOS source, body, epitaxial layer and substrate. The charge
formed by application of a voltage to the drain is dependent on the area of the LDD and the
heavily doped drain, the concentration of the epitaxial layer and, to a lesser extent, the body
doping. This capacitance is critical since it is the largest component of the output
capacitance and influences device efficiency.
Device datasheets identify these primary capacitances in the form of Crss, Ciss, and Coss.
Capacitance Crss is simply the gate-drain capacitance, Cgd, whereas Ciss is the parallel
combination of Cgs and Cgd.
Capacitance Coss is the parallel combination of Cds and Cgd. The forward transconductance
(gfs) identifies the differential drain current for a differential gate voltage.
There are three major regions of the function gfs versus Vgs. As Vgs increases from low to
mid-range values gfs expands until a linear gfs region is reached. Beyond this region, as high
Vgs voltages are applied, gfs compresses. For Class AB operation the peak device current
should remain below the gfs compression region for maximum linearity. The gfs specification
is usually measured in the gfs linear region as shown on device datasheets.
2
Defining ruggedness
The ruggedness or the load-mismatch tolerance of LDMOS technology can be defined in
two ways. The first is that after being subjected to extreme load conditions there is not any
degradation in device performance or output power. A more stringent criterion would be that
there is not any degradation in the device parameters such as a shift in threshold voltage, an
increase in leakage current or a subtle increase in Rds(on). Changes in these parameters
can be an indication of long-term reliability problems.
The overall ruggedness of a device when tested in extreme load conditions is related to the
amount of localized thermal stress, the ability to sustain high levels of drain-source current
in BVDSS maximum current capability and the intensity of avalanching occurring under or
near the gate structure.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com