Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1464 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1464
Description  LOW-COST DOUBLE LI-ION BATTERY CHARGER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1464 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1464 Datasheet HTML 9Page - STMicroelectronics AN1464 Datasheet HTML 10Page - STMicroelectronics AN1464 Datasheet HTML 11Page - STMicroelectronics AN1464 Datasheet HTML 12Page - STMicroelectronics AN1464 Datasheet HTML 13Page - STMicroelectronics AN1464 Datasheet HTML 14Page - STMicroelectronics AN1464 Datasheet HTML 15Page - STMicroelectronics AN1464 Datasheet HTML 16Page - STMicroelectronics AN1464 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13/27
LOW-COST DOUBLE LI-ION BATTERY CHARGER USING ST6255C/ST6265C MCU
2.4.2 On-chip peripherals usage
The time base is given by the
standard timer in output mode. When the timer counter
reaches zero, the interrupt routine generates a state update request. In addition, it reloads the
timer counter to start a new cycle.
In order to minimise supply current, the ST6 core puts itself into WAIT mode between two
state updates.
In this example, this same interrupt routine (Timer Zero) also increments the timekeeper
counters. This means the timekeeper is synchronised with the state updates.
The slot state update frequency is an important parameter. It must be high to maximise
charging efficiency. On the other hand, if the output configuration has changed, it is useless to
perform the next measurements before the system has stabilised. Therefore, an excessive
update frequency could prove harmful. Thirdly, a low update frequency reduces overall power
consumption.
The timekeeper divides the standard timer frequency. To do so, it contains three counters:
tick
, chrono_lo and chrono_hi.
Table 4. Charge Timekeeper Counters
The PWM is generated by the
auto-reload timer because a high frequency is required. In ad-
dition, this significantly reduces the CPU load, allowing the core to stay in WAIT mode most of
the time. If no charge is under way on either slot, the PWM output is switched off in order to re-
duce consumption and increase A/D converter accuracy.
The
analog to digital converter (ADC) is used intensively before each slot state update. In
most cases, the PWM output cannot be disabled, so ADC accuracy is not optimal. To reduce
errors, the ADC measures battery voltage and battery current 256 times in a row. The slot
state monitoring software works with the mean values. The 256 measurements are added into
a 16-bit word. The mean value is equal to the most significant byte of the word (rounded if the
least significant byte is greater than 128).
As explained in Section 2.2, battery voltage measurements must be corrected with battery
current measurements. These corrections require some arithmetical computing, performed on
the 16-bit words.
tick
chrono_lo
chrono_hi
Increment Condition
Timer Zero IT
tick
=0
chrono_lo
=0
Period
General
TTMZ
256*TTMZ
65536*TTMZ
Eval Board
6.1 ms
1.6 s
6 min 43 s
Compared with
General
Tfail
Texp
Eval Board
30 s
2.5 h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com