Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1502 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1502
Description  EMULATED DATA EEPROM WITH ST7 HDFLASH MEMORY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1502 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1502 Datasheet HTML 1Page - STMicroelectronics AN1502 Datasheet HTML 2Page - STMicroelectronics AN1502 Datasheet HTML 3Page - STMicroelectronics AN1502 Datasheet HTML 4Page - STMicroelectronics AN1502 Datasheet HTML 5Page - STMicroelectronics AN1502 Datasheet HTML 6Page - STMicroelectronics AN1502 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
EMULATED DATA EEPROM WITH ST7 HDFLASH MEMORY
1 PRINCIPLE
Two different implementations can be distinguished:
s
Assuming that it is possible to limit the data EEPROM byte values to 00h..FEh (as FFh is the
default HDFlash erased value), the principle of this emulation is to reserve n bytes in the
HDFlash for each emulated data EEPROM byte which has to be cycled n times. With this
solution FFh value can not be used.
As shown in Figure 1., a “ptr” pointer gives the access to the emulated data EEPROM byte.
– For a read operation, from “ptr” address, read the first data byte not equal to FFh to get the
current value.
– For a write operation, from “ptr” address, look for the last data byte equal to FFh and then
write the new value at this location using the HDFlash “Byte programming” Embedded
Command (same as IAP method).
Figure 1. HDFlash Emulated Data EEPROM (value in 00h..FEh)
s
Assuming no limitation for the data EEPROM byte values (00h..FFh), each byte value will
need 2 byte locations. The first one will determine if it is the current value (example: 00h =
current value, FFh = not yet used value) and the second one will contain the current byte
value. So the principle of this emulation is to reserve 2xn bytes in the HDFlash for each
emulated data EEPROM byte which has to be cycled n times.
As shown in Figure 2., a “ptr” pointer gives the access to the emulated data EEPROM byte.
– For a read operation, from “ptr” address, read the first data byte not equal to FFh (equal to
00h), the current value is the next adjacent byte.
– For a write operation, from “ptr” address, look for the last data byte equal to FFh and then
write the new value at this location and 00h in the previous location using the HDFlash
“Byte programming” Embedded Command (same as IAP method).
In both methods, the programming is address decreasing, which means that when cu.0rrent
value is found, the next byte to be programmed is the previous one (refer to diagrams).
In the case of the ST72F521R9 (biggest product) for instance, that means that if sectors 2 and
1 are empty (FFh), the first programmed byte will be at the last address of the sector 1
(EFFFh), because F000h is the first address of the sector 0 containing the user program (this
sector is write protected in user mode).
FFh
FFh
...
FFh
FFh
...
FFh
val1
initial value
FFh
FFh
...
FFh valm
...
val2
val1
ptr
ptr
current value
current value
INITIAL STATE
mth STATE
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com