Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1502 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1502
Description  EMULATED DATA EEPROM WITH ST7 HDFLASH MEMORY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1502 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1502 Datasheet HTML 1Page - STMicroelectronics AN1502 Datasheet HTML 2Page - STMicroelectronics AN1502 Datasheet HTML 3Page - STMicroelectronics AN1502 Datasheet HTML 4Page - STMicroelectronics AN1502 Datasheet HTML 5Page - STMicroelectronics AN1502 Datasheet HTML 6Page - STMicroelectronics AN1502 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
EMULATED DATA EEPROM WITH ST7 HDFLASH MEMORY
Figure 2. HDFlash Emulated Data EEPROM (value in 00h..FFh)
2 RESTRICTIONS
s
Only a few data EEPROM bytes with a limited number of write/erase cycles can be emulated
(these characteristics are directly linked to the needed memory space in HDFlash)
s
Emulated data EEPROM must be located in sector 1 or 2 as sector 0 is write protected in
USER mode.
– To use the Embedded Commands the RASS protection must be disabled. So the protec-
tion against unintentional access to the HDFlash control register is no longer available. Un-
intentional programming is only guaranteed by the low probability of accidentally executing
an Embedded Command with VPP at 12 volts.
3 ADVANTAGE
s
The HDFlash emulated data EEPROM method can keep the data byte value history.
...
FFh
initial value
FFh
...
00h
valm
...
ptr
ptr
current value
current value
INITIAL STATE
mth STATE
FFh
00h
val1
FFh
FFh
FFh
FFh
FFh
FFh
FFh
FFh
00h
val2
00h
val1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com