Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1504 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1504
Description  STARTING A PWM SIGNAL DIRECTLY AT HIGH LEVEL USING THE ST7 16-BIT TIMER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1504 Datasheet(HTML) 6 Page - STMicroelectronics

  AN1504 Datasheet HTML 1Page - STMicroelectronics AN1504 Datasheet HTML 2Page - STMicroelectronics AN1504 Datasheet HTML 3Page - STMicroelectronics AN1504 Datasheet HTML 4Page - STMicroelectronics AN1504 Datasheet HTML 5Page - STMicroelectronics AN1504 Datasheet HTML 6Page - STMicroelectronics AN1504 Datasheet HTML 7Page - STMicroelectronics AN1504 Datasheet HTML 8Page - STMicroelectronics AN1504 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
STARTING A PWM SIGNAL DIRECTLY AT HIGH LEVEL USING THE ST7 16-BIT TIMER
3 SECOND CASE: AND OLVL1=1 AND OLVL2=0
Figure 4. PWM output when OLVL2=0 OLVL1=1
In this case, the timer A is also initialized at 10KHz with a 1MHz timer clock.
We can see that when OLVL2=0 and OLVL1=1, to set the duty cycle value, the OC1R register
has to be loaded with the complementary value= compare 2-(the normal value of Compare 1
in the Case 1 example). So for example, with a 10KHz PWM signal with a 1MHz timer clock,
we have OC2R register =005F (see formulas) and so for 20% duty cycle, the normal value of
the OC1R register is:
OC1R=((20.10-6*8.10+6)/8))-5=15 (000F in hexadecimal)
The complementary value is then OC1R=005F-000F=0050 in hexadecimal.
For the initialization phase, we need to set a 0% duty cycle and in this case, instead of config-
uring OLVL2=OLVL1=0 we can simply put a higher value in the OC1R register than in the
OC2R register. This following code example is for a 20% duty cycle signal.
Initialization: Set up 10KHz PWM signal with OLVL2=0 and OLVL1=1 and 0% duty cycle
ld A,#%00000001; set OLVL1=1 and OLVL2=0
ld TACR1,A
ld A,#%10011000;Clock in/8: 1MHz with 16 MHz quartz
ld TACR2,A
ld A,#$00
ld A,TAOC2HR
;compare 2 of timer A set 005F=100-5=95
ld A,#$5F
ld TAOC2LR,A
;frequency set to 10KHz
OCMP1
Ouput Compare pin
Timer output
FFFFh
OC1R
0000h
FFFCh
Ttimer × 65535
Tmax =
OLVL1=1
OLVL2= 0
FREE RUNNING
COUNTER VALUE
time
time
OC2R
OCMP1
Ouput Compare pin
Timer output
FFFFh
OC1R
0000h
FFFCh
Ttimer × 65535
Tmax =
OLVL1=1
OLVL2= 0
FREE RUNNING
COUNTER VALUE
time
time
OC2R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com