Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1504 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1504
Description  STARTING A PWM SIGNAL DIRECTLY AT HIGH LEVEL USING THE ST7 16-BIT TIMER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1504 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1504 Datasheet HTML 1Page - STMicroelectronics AN1504 Datasheet HTML 2Page - STMicroelectronics AN1504 Datasheet HTML 3Page - STMicroelectronics AN1504 Datasheet HTML 4Page - STMicroelectronics AN1504 Datasheet HTML 5Page - STMicroelectronics AN1504 Datasheet HTML 6Page - STMicroelectronics AN1504 Datasheet HTML 7Page - STMicroelectronics AN1504 Datasheet HTML 8Page - STMicroelectronics AN1504 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AN1504/0302
1/9
AN1504
APPLICATION NOTE
STARTING A PWM SIGNAL DIRECTLY
AT HIGH LEVEL USING THE ST7 16-BIT TIMER
by Microcontroller Division Applications
INTRODUCTION
The 16-bit timer is a standard peripheral of the ST7 microcontroller family. This peripheral can
be used for a variety of purposes, including pulse length measurement of up to two input sig-
nals (input capture feature) or generation of up to two output waveforms (output compare and
PWM mode).
This application note is about using the PWM mode of the standard 16 bit timer. It explains
how to synchronize the PWM signal output. In other words, how to make sure it outputs a high
state when the counter restarts after it has been stopped (for any reason) or simply when it
starts at the beginning of the application. In some applications, like motor control, it may be es-
sential to output the high level part of the signal duty cycle when the counter is started.
1


Similar Part No. - AN1504

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AN1504 ONSEMI-AN1504 Datasheet
135Kb / 8P
Metastability and the ECLinPS Family
November, 2004 ??Rev. 2
logo
Arista Networks, Inc
AN1504 ARISTA-AN1504 Datasheet
2Mb / 58P
7280 Series 1 RU (Gen 3) Data Center Switches
logo
ON Semiconductor
AN1504D ONSEMI-AN1504D Datasheet
135Kb / 8P
Metastability and the ECLinPS Family
November, 2004 ??Rev. 2
AN1504D ONSEMI-AN1504D Datasheet
156Kb / 11P
3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
More results

Similar Description - AN1504

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST52T400 STMICROELECTRONICS-ST52T400 Datasheet
1Mb / 94P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
Rev. 2.9
logo
Freescale Semiconductor...
AN2701 FREESCALE-AN2701 Datasheet
216Kb / 14P
PWM Generation with the HC08 Timer
logo
Silicon Laboratories
AN110 SILABS-AN110 Datasheet
238Kb / 12P
16-BIT PWM USING AN ON-CHIP TIMER
logo
STMicroelectronics
AN913 STMICROELECTRONICS-AN913 Datasheet
121Kb / 12P
PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
AN974 STMICROELECTRONICS-AN974 Datasheet
72Kb / 6P
Real time clock with ST7 Timer Output Compare
AN1445 STMICROELECTRONICS-AN1445 Datasheet
71Kb / 7P
USING THE ST7 SPI TO EMULATE A 16-BIT SLAVE
AN1712 STMICROELECTRONICS-AN1712 Datasheet
113Kb / 14P
GENERATING A HIGH RESOLUTION SINEWAVE USING ST7 PWMART
Rev. 1.0
UM0250 STMICROELECTRONICS-UM0250 Datasheet
244Kb / 12P
Getting started with the ST7
03-Jul-2006
logo
Megawin Technology Co.,...
MG87FE04 MEGAWIN-MG87FE04 Datasheet
1Mb / 61P
Two 16-bit timer/counter
logo
STMicroelectronics
UM0139 STMICROELECTRONICS-UM0139 Datasheet
2Mb / 38P
The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
29-Jun-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com